Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD587 Datasheet(PDF) 7 Page - Analog Devices

Part # AD587
Description  High Precision 10 V Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD587 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD587 Datasheet HTML 3Page - Analog Devices AD587 Datasheet HTML 4Page - Analog Devices AD587 Datasheet HTML 5Page - Analog Devices AD587 Datasheet HTML 6Page - Analog Devices AD587 Datasheet HTML 7Page - Analog Devices AD587 Datasheet HTML 8Page - Analog Devices AD587 Datasheet HTML 9Page - Analog Devices AD587 Datasheet HTML 10Page - Analog Devices AD587 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD587
Rev. H | Page 7 of 12
TURN-ON TIME
Upon application of power (cold start), the time required for
the output voltage to reach its final value within a specified
error band is defined as the turn-on settling time. Two compo-
nents normally associated with this are the time for the active
circuits to settle and the time for the thermal gradients on the
chip to stabilize. Figure 7, Figure 8, and Figure 9 show the turn-
on characteristics of the AD587. These figures show the settling
to be about 60 μs to 0.01%. Note the absence of any thermal tails
when the horizontal scale is expanded to 1 ms/cm in Figure 8.
Output turn-on time is modified when an external noise reduc-
tion capacitor is used. When present, this capacitor acts as an
additional load to the current source of the internal Zener
diode, resulting in a somewhat longer turn-on time. In the case
of a 1 μF capacitor, the initial turn-on time is approximately
400 ms to 0.01%, as shown in Figure 9.
100
10
0%
10V
1mV
90
+VIN
VOUT
20µs
Figure 7. Electrical Turn-On
100
90
10
0%
10V
1ms
20V
+VIN
VOUT
Figure 8. Extended Time Scale
100
90
10
0%
1V
100ms
10V
+VIN
VOUT
Figure 9. Turn-On with 1 μF CN
DYNAMIC PERFORMANCE
The output buffer amplifier is designed to provide the AD587
with static and dynamic load regulation that is superior to less
complete references.
Many ADCs and DACs present transient current loads to the
reference, and poor reference response can degrade the con-
verter’s performance.
Figure 11 and Figure 12 display the characteristics of the AD587
output amplifier driving a 0 mA to 10 mA load.
AD587
VOUT
7.0V
1kΩ
10V
0V
VL
Figure 10. Transient Load Test Circuit
100
90
10
0%
50mV
1µs
10V
VL
VOUT
Figure 11. Large-Scale Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com