Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD587 Datasheet(PDF) 12 Page - Analog Devices

Part # AD587
Description  High Precision 10 V Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD587 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD587 Datasheet HTML 4Page - Analog Devices AD587 Datasheet HTML 5Page - Analog Devices AD587 Datasheet HTML 6Page - Analog Devices AD587 Datasheet HTML 7Page - Analog Devices AD587 Datasheet HTML 8Page - Analog Devices AD587 Datasheet HTML 9Page - Analog Devices AD587 Datasheet HTML 10Page - Analog Devices AD587 Datasheet HTML 11Page - Analog Devices AD587 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD587
Rev. H | Page 12 of 12
ORDERING GUIDE
Model
Initial Error
Temperature Coefficient
Temperature Range
Package Description
Package Option
AD587JQ
10 mV
20 ppm/°C
0°C to 70°C
8-Lead CERDIP
Q-8
AD587JR
10 mV
20 ppm/°C
0°C to 70°C
8-Lead SOIC_N
R-8
AD587JR-REEL
10 mV
20 ppm/°C
0°C to 70°C
8-Lead SOIC_N
R-8
AD587JR-REEL7
10 mV
20 ppm/°C
0°C to 70°C
8-Lead SOIC_N
R-8
AD587JRZ1
10 mV
20 ppm/°C
0°C to 70°C
8-Lead SOIC_N
R-8
AD587JRZ-REEL1
10 mV
20 ppm/°C
0°C to 70°C
8-Lead SOIC_N
R-8
AD587JRZ-REEL71
10 mV
20 ppm/°C
0°C to 70°C
8-Lead SOIC_N
R-8
AD587JN
10 mV
20 ppm/°C
0°C to 70°C
8-Lead PDIP
N-8
AD587JNZ1
10 mV
20 ppm/°C
0°C to 70°C
8-Lead PDIP
N-8
AD587KR
5 mV
10 ppm/°C
0°C to 70°C
8-Lead SOIC_N
R-8
AD587KR-REEL
5 mV
10 ppm/°C
0°C to 70°C
8-Lead SOIC_N
R-8
AD587KR-REEL7
5 mV
10 ppm/°C
0°C to 70°C
8-Lead SOIC_N
R-8
AD587KRZ1
5 mV
10 ppm/°C
0°C to 70°C
8-Lead SOIC_N
R-8
AD587KRZ-REEL1
5 mV
10 ppm/°C
0°C to 70°C
8-Lead SOIC_N
R-8
AD587KRZ-REEL71
5 mV
10 ppm/°C
0°C to 70°C
8-Lead SOIC_N
R-8
AD587KN
5 mV
10 ppm/°C
0°C to 70°C
8-Lead PDIP
N-8
AD587KNZ1
5 mV
10 ppm/°C
0°C to 70°C
8-Lead PDIP
N-8
AD587UQ
5 mV
5 ppm/°C
−55°C to +125°C
8-Lead CERDIP
Q-8
1 Z = RoHS Compliant Part.
©1998–2007 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C00530-0-9/07(H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com