Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD587 Datasheet(PDF) 3 Page - Analog Devices

Part # AD587
Description  High Precision 10 V Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD587 Datasheet(HTML) 3 Page - Analog Devices

  AD587 Datasheet HTML 1Page - Analog Devices AD587 Datasheet HTML 2Page - Analog Devices AD587 Datasheet HTML 3Page - Analog Devices AD587 Datasheet HTML 4Page - Analog Devices AD587 Datasheet HTML 5Page - Analog Devices AD587 Datasheet HTML 6Page - Analog Devices AD587 Datasheet HTML 7Page - Analog Devices AD587 Datasheet HTML 8Page - Analog Devices AD587 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD587
Rev. H | Page 3 of 12
SPECIFICATIONS
TA = 25°C, VIN = 15 V, unless otherwise noted.
Table 1.
AD587J
AD587K
AD587U
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
OUTPUT VOLTAGE
9.990
10.010
9.995
10.005
9.995
10.005
V
OUTPUT VOLTAGE DRIFT1
0°C to 70°C
20
10
5
ppm/°C
−55°C to +125°C
20
10
5
ppm/°C
GAIN ADJUSTMENT
+3
+3
+3
%
−1
−1
−1
%
LINE REGULATION1
13.5 V ≤ +VIN ≤ 36 V
TMIN to TMAX
±100
±100
±100
μV/V
LOAD REGULATION1
Sourcing 0 mA < IOUT < 10 mA
TMIN to TMAX
±100
±100
±100
μV/mA
Sourcing −10 mA < IOUT < 0 mA2
TMIN to TMAX
±100
±100
±100
μV/mA
QUIESCENT CURRENT
2
4
2
4
2
4
mA
POWER DISSIPATION
30
30
30
mW
OUTPUT NOISE
0.1 Hz to 10 Hz
4
4
4
μV p-p
Spectral Density, 100 Hz
100
100
100
nV/√Hz
LONG-TERM STABILITY
±15
±15
±15
ppm/1000 hr
SHORT-CIRCUIT CURRENT-TO-GROUND
30
70
30
70
30
70
mA
SHORT-CIRCUIT CURRENT-TO-+VIN
30
70
30
70
30
70
mA
TEMPERATURE RANGE
Specified Performance (J, K)
0
70
0
70
0
70
°C
Operating Performance (J, K)3
−40
+85
−40
+85
−40
+85
°C
Specified Performance (U)
−55
+125
−55
+125
−55
+125
°C
Operating Performance (U)3
−55
+125
−55
+125
−55
+125
°C
1 Specification is guaranteed for all packages and grades. CERDIP-packaged parts are 100% production tested.
2 Load regulation (sinking) specification for SOIC (R-8) package is ±200 μV/mA.
3 The operating temperature range is defined as the temperature extremes at which the device will still function. Parts may deviate from their specified performance
outside their specified temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com