Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD587 Datasheet(PDF) 8 Page - Analog Devices

Part # AD587
Description  High Precision 10 V Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD587 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD587 Datasheet HTML 4Page - Analog Devices AD587 Datasheet HTML 5Page - Analog Devices AD587 Datasheet HTML 6Page - Analog Devices AD587 Datasheet HTML 7Page - Analog Devices AD587 Datasheet HTML 8Page - Analog Devices AD587 Datasheet HTML 9Page - Analog Devices AD587 Datasheet HTML 10Page - Analog Devices AD587 Datasheet HTML 11Page - Analog Devices AD587 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD587
Rev. H | Page 8 of 12
100
90
10
0%
1mV
2µs
10V
VL
VOUT
Figure 12. Fine-Scale Setting for Transient Load
In some applications, a varying load may be both resistive and
capacitive in nature, or the load may be connected to the
AD587 by a long capacitive cable.
Figure 14 displays the output amplifier characteristics driving a
1000 pF, 0 mA to 10 mA load.
AD587
VOUT
7.0V
1kΩ
VL
10V
0V
CL
1000pF
Figure 13. Capacitive Load Transient/Response Test Circuit
100
90
10
0%
200mV
1µs
10V
CL = 0
CL = 1000pF
VL
Figure 14. Output Response with Capacitive Load
LOAD REGULATION
The AD587 has excellent load regulation characteristics.
Figure 15 shows that varying the load several milliamperes
changes the output by only a few microvolts.
–6
–4
–2
0
–500
–1000
500
1000
ΔVOUT (µV)
LOAD (mA)
24
6
8
10
Figure 15. Typical Load Regulation Characteristics
TEMPERATURE PERFORMANCE
The AD587 is designed for precision reference applications
where temperature performance is critical. Extensive tempera-
ture testing ensures that the device’s high level of performance is
maintained over the operating temperature range.
Some confusion exists in the area of defining and specifying
reference voltage error over temperature. Historically, references
have been characterized using a maximum deviation per degree
Celsius, such as ppm/°C. However, because of nonlinearities in
temperature characteristics that originated in standard Zener
references (such as S-type characteristics), most manufacturers
have begun to use a maximum limit error-band approach to
specify devices. This technique involves the measurement of the
output at three or more temperatures to specify an output
voltage error band.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com