Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF02HZ Datasheet(PDF) 1 Page - Analog Devices

Part # REF02HZ
Description  Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF02HZ Datasheet(HTML) 1 Page - Analog Devices

  REF02HZ Datasheet HTML 1Page - Analog Devices REF02HZ Datasheet HTML 2Page - Analog Devices REF02HZ Datasheet HTML 3Page - Analog Devices REF02HZ Datasheet HTML 4Page - Analog Devices REF02HZ Datasheet HTML 5Page - Analog Devices REF02HZ Datasheet HTML 6Page - Analog Devices REF02HZ Datasheet HTML 7Page - Analog Devices REF02HZ Datasheet HTML 8Page - Analog Devices REF02HZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Precision 2.5 V, 5.0 V, and 10.0 V
Voltage References
REF01/REF02/REF03
Rev. K
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2000–2010 Analog Devices, Inc. All rights reserved.
FEATURES
High output accuracy
REF01: 10.0 V, ±0.3% maximum
REF02: 5.0 V, ±0.3% maximum
REF03: 2.5 V, ±0.6% maximum
Adjustable output: ± 3% minimum
Excellent temperature stability
REF01: 8.5 ppm/°C maximum
REF02: 8.5 ppm/°C maximum
REF03: 50 ppm/°C maximum
Low noise
REF01: 30 μV p-p typical
REF02: 15 μV p-p typical
REF03: 6 μV p-p typical
High supply voltage range: up to 36 V maximum
Low supply current: 1.4 mA maximum
High load-driving capability: 10 mA maximum
Temperature output function
APPLICATIONS
Precision data systems
High resolution converters
Industrial process control systems
Precision instruments
Military and aerospace applications
GENERAL DESCRIPTION
The REF0x series of precision voltage references provide a
stable 10.0 V, 5.0 V, or 2.5 V output with minimal change in
response to variations in supply voltage, ambient temperature
or load conditions. The parts are available in 8-lead SOIC,
PDIP, CERDIP, and TO-99 packages, as well as 20-terminal
LCC packages (883 only), furthering the parts’ usability in
both standard and high stress applications.
With an external buffer and a simple resistor network, the
TEMP terminal can be used for temperature sensing and
approximation. A TRIM terminal is also provided on the
device for fine adjustment of the output voltage.
The small footprint, wide supply range, and application
versatility make the REF0x series of references ideal for general-
purpose and space-constrained applications.
Newer designs should use the ADR0x series of references,
which offer higher accuracy and temperature stability over a
wider operating temperature range, while maintaining full pin-
for-pin compatibility with the REF0x series. This data sheet
applies to commercial-grade products only. Contact sales or
visit analog.com for military-grade (883) data sheets.
Table 1. Selection Guide
Part Number
Output Voltage
Input Voltage Range
REF01
10.0 V
12 V to 36 V
REF02
5.0 V
7.0 V to 36 V
REF03
2.5 V
4.5 V to 36 V
PIN CONFIGURATIONS
REF01/
REF02/
REF03
TOP VIEW
(Not to Scale)
NC
1
VIN 2
TEMP 3
GND 4
NC
NC
VOUT
TRIM
8
7
6
5
NC = NO CONNECT. DO NOT CONNECT ANYTHING
ON THESE PINS. SOME OF THEM ARE RESERVED
FOR FACTORY TESTING PURPOSES.
Figure 1. 8-Lead PDIP (P-Suffix),
8-Lead CERDIP (Z-Suffix),
8-Lead SOIC (S-Suffix)
1
2
3
4
5
6
7
8
NC
GROUND
(CASE)
NC
VIN
VOUT
NC
NC
TRIM
NC = NO CONNECT. DO NOT CONNECT ANYTHING
ON THESE PINS. SOME OF THEM ARE RESERVED
FOR FACTORY TESTING PURPOSES.
REF01/
REF02/
REF03
Figure 2. 8-Lead TO-99 (J-Suffix)
4
NC
5
VIN
6
NC
7
TEMP
8
NC
18
NC
17
NC
16
NC
15
VOUT
14
NC
19
20
1
2
3
13
12
11
10
9
REF01/
REF02
TOP VIEW
(Not to Scale)
NC = NO CONNECT. DO NOT CONNECT ANYTHING
ON THESE PINS. SOME OF THEM ARE RESERVED
FOR FACTORY TESTING PURPOSES.
Figure 3. 20-Terminal LCC (RC-Suffix;
883 Parts Only)


Similar Part No. - REF02HZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF02HZ AD-REF02HZ Datasheet
337Kb / 8P
5V Precision Voltage Reference/Temperature Trangsducer
REF02HZ AD-REF02HZ Datasheet
454Kb / 16P
5 V Precision Voltage Reference/Temperature Transducer
7/04-Data Sheet Changed from Rev. E to Rev. F
REF02HZ AD-REF02HZ Datasheet
584Kb / 16P
5 V Precision Voltage Reference/Temperature Transducer
12/05-Rev. H to Rev. I
REF02HZ AD-REF02HZ Datasheet
507Kb / 20P
Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
More results

Similar Description - REF02HZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR03BKSZ-REEL7 AD-ADR03BKSZ-REEL7 Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
REF03GPZ AD-REF03GPZ Datasheet
507Kb / 20P
Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
ADR03ARZ AD-ADR03ARZ Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR01 AD-ADR01_12 Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
REF01CS-REEL7 AD-REF01CS-REEL7 Datasheet
507Kb / 20P
Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF03GS-REEL7 AD-REF03GS-REEL7 Datasheet
507Kb / 20P
Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
ADR01 AD-ADR01_15 Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR02 AD-ADR02_15 Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR03 AD-ADR03_15 Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR06 AD-ADR06_15 Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com