Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF02HZ Datasheet(PDF) 2 Page - Analog Devices

Part # REF02HZ
Description  Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF02HZ Datasheet(HTML) 2 Page - Analog Devices

  REF02HZ Datasheet HTML 1Page - Analog Devices REF02HZ Datasheet HTML 2Page - Analog Devices REF02HZ Datasheet HTML 3Page - Analog Devices REF02HZ Datasheet HTML 4Page - Analog Devices REF02HZ Datasheet HTML 5Page - Analog Devices REF02HZ Datasheet HTML 6Page - Analog Devices REF02HZ Datasheet HTML 7Page - Analog Devices REF02HZ Datasheet HTML 8Page - Analog Devices REF02HZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REF01/REF02/REF03
Rev. K | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Pin Configurations ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
REF01 Specifications.................................................................... 3
REF02 Specifications.................................................................... 4
REF03 Specifications.................................................................... 5
Absolute Maximum Ratings............................................................ 6
Thermal Resistance ...................................................................... 6
ESD Caution.................................................................................. 6
Pin Configurations and Function Descriptions ........................... 7
Typical Performance Characteristics ............................................. 8
Terminology .................................................................................... 13
Theory of Operation ...................................................................... 14
Input and Output Capacitors .................................................... 14
Output Adjustment .................................................................... 14
Temperature Monitoring........................................................... 15
Long-Term Stability ................................................................... 15
Burn-In ........................................................................................ 15
Power Dissipation....................................................................... 15
Applications Information .............................................................. 16
Basic Reference Application...................................................... 16
Low Cost Current Source.......................................................... 16
Precision Current Source with Adjustable Output ................ 16
Precision Boosted Output Regulator ....................................... 16
Bipolar Voltage Reference ......................................................... 17
Adjustable Reference With Positive and Negative Swing ..... 17
Outline Dimensions ....................................................................... 18
REF01 Ordering Guide.............................................................. 20
REF02 Ordering Guide.............................................................. 20
REF03 Ordering Guide.............................................................. 20
REVISION HISTORY
10/10—Rev. J to Rev. K
Deleted Negative References Section and Figure 39;
Renumbered Sequentially.............................................................. 16
10/09—Rev. J: Initial Version
Updated Format..................................................................Universal
Combined REF01, REF02, and REF03 Data Sheets.......Universal
Changes to Absolute Maximum Input Voltage .............................6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com