Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF02HZ Datasheet(PDF) 9 Page - Analog Devices

Part # REF02HZ
Description  Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF02HZ Datasheet(HTML) 9 Page - Analog Devices

Back Button REF02HZ Datasheet HTML 5Page - Analog Devices REF02HZ Datasheet HTML 6Page - Analog Devices REF02HZ Datasheet HTML 7Page - Analog Devices REF02HZ Datasheet HTML 8Page - Analog Devices REF02HZ Datasheet HTML 9Page - Analog Devices REF02HZ Datasheet HTML 10Page - Analog Devices REF02HZ Datasheet HTML 11Page - Analog Devices REF02HZ Datasheet HTML 12Page - Analog Devices REF02HZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REF01/REF02/REF03
Rev. K | Page 9 of 20
40
25
20
0
85
125
30
10
IL = 0mA TO 10mA
TEMPERATURE (°C)
VIN = 36V
VIN = 14V
50
0
–40
–40
–30
–20
–10
Figure 13. REF01 Load Regulation vs. Temperature
40
20
0
50
85
125
30
10
IL = 0mA TO 5mA
TEMPERATURE (°C)
VIN = 36V
VIN = 8V
25
0
–40
–20
–10
Figure 14. REF02 Load Regulation vs. Temperature
0
10
20
30
40
50
60
TEMPERATURE (°C)
–40
–25
–10
5
20
35
50
65
80
95
110
125
VIN = 36V
VIN = 7V
IL = 0mA TO 10mA
Figure 15. REF03 Load Regulation vs. Temperature
0
–4
2
–2
–6
–8
TEMPERATURE (°C)
–10
–40
–25
–10
5
20
35
50
65
80
95
110
125
VIN = 14V TO 36V
Figure 16. REF01 Line Regulation vs. Temperature
4
–4
8
0
–8
TEMPERATURE (°C)
VIN = 8V TO 36V
–40
–25
–10
5
20
35
50
65
80
95
110
125
Figure 17. REF02 Line Regulation vs. Temperature
–4
–2
0
2
4
TEMPERATURE (°C)
–40
–25
–10
520
35
50
65
80
95
110
125
VIN = 5V TO 36V
Figure 18. REF03 Line Regulation vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com