Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF02HZ Datasheet(PDF) 10 Page - Analog Devices

Part # REF02HZ
Description  Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF02HZ Datasheet(HTML) 10 Page - Analog Devices

Back Button REF02HZ Datasheet HTML 6Page - Analog Devices REF02HZ Datasheet HTML 7Page - Analog Devices REF02HZ Datasheet HTML 8Page - Analog Devices REF02HZ Datasheet HTML 9Page - Analog Devices REF02HZ Datasheet HTML 10Page - Analog Devices REF02HZ Datasheet HTML 11Page - Analog Devices REF02HZ Datasheet HTML 12Page - Analog Devices REF02HZ Datasheet HTML 13Page - Analog Devices REF02HZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REF01/REF02/REF03
Rev. K | Page 10 of 20
3
1
5
2
0
4
46
02
LOAD CURRENT (mA)
81
–40°C
+125°C
0
+25°C
Figure 19. REF01 Dropout Voltage vs. Load Current
46
6
0
2
0
4
2
+25°C
LOAD CURRENT (mA)
8
10
–40°C
+125°C
Figure 20. REF02 Dropout Voltage vs. Load Current
3
1
5
2
0
4
46
02
LOAD CURRENT (mA)
81
+125°C
0
+25°C
–40°C
6
Figure 21. REF03 Dropout Voltage vs. Load Current
0
0.50
24
6
TA = 25°C
LOAD CURRENT (mA)
8
10
0.55
0.60
0.65
0.70
Figure 22. REF01 Quiescent Current vs. Load Current
TIME (1s/DIV)
Figure 23. REF02 Typical Low-Frequency Voltage Noise (0.1 Hz to 10.0 Hz)
TIME (1ms/DIV)
Figure 24. REF02 Typical Wideband Voltage Noise (10 Hz to 10 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com