Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ64GA Datasheet(PDF) 31 Page - Microchip Technology

Part # PIC24FJ64GA
Description  PIC24FJXXXGA0XX Flash Programming Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA Datasheet(HTML) 31 Page - Microchip Technology

Back Button PIC24FJ64GA Datasheet HTML 27Page - Microchip Technology PIC24FJ64GA Datasheet HTML 28Page - Microchip Technology PIC24FJ64GA Datasheet HTML 29Page - Microchip Technology PIC24FJ64GA Datasheet HTML 30Page - Microchip Technology PIC24FJ64GA Datasheet HTML 31Page - Microchip Technology PIC24FJ64GA Datasheet HTML 32Page - Microchip Technology PIC24FJ64GA Datasheet HTML 33Page - Microchip Technology PIC24FJ64GA Datasheet HTML 34Page - Microchip Technology PIC24FJ64GA Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
© 2008 Microchip Technology Inc.
DS39768D-page 31
PIC24FJXXXGA0XX
ICS(1)
CW1<8>
ICD Pin Placement Select bit
11
= ICD EMUC/EMUD pins are shared with PGC1/PGD1
10
= ICD EMUC/EMUD pins are shared with PGC2/PGD2
01
= ICD EMUC/EMUD pins are shared with PGC3/PGD3
00
= Reserved; do not use
IESO
CW2<15>
Internal External Switchover bit
1
= Two-Speed Start-up enabled
0
= Two-Speed Start-up disabled
IOL1WAY(1)
CW2<4>
IOLOCK Bit One-Way Set Enable bit
0
= The OSCCON<IOLOCK> bit can be set and cleared as needed (provided
an unlocking sequence is executed)
1
= The OSCCON<IOLOCK> bit can only be set once (provided an unlocking
sequence is executed). Once IOLOCK is set, this prevents any possible
future RP register changes
JTAGEN
CW1<14>
JTAG Enable bit
1
= JTAG enabled
0
= JTAG disabled
OSCIOFNC
CW2<5>
OSC2 Pin Function bit (except in XT and HS modes)
1
= OSC2 is clock output
0
= OSC2 is general purpose digital I/O pin
SOSCSEL1:
SOSCSEL0(2)
CW2<12:11>
Secondary Oscillator Power Mode Select bits
11
= Default (high drive strength) mode
01
= Low-Power (low drive strength) mode
x0
= Reserved; do not use
POSCMD1:
POSCMD0
CW2<1:0>
Primary Oscillator Mode Select bits
11
= Primary oscillator disabled
10
= HS Crystal Oscillator mode
01
= XT Crystal Oscillator mode
00
= EC (External Clock) mode
WDTPOST3:
WDTPOST0
CW1<3:0>
Watchdog Timer Prescaler bit
1111
= 1:32,768
1110
= 1:16,384
.
.
.
0001
= 1:2
0000
= 1:1
WDTPRE
CW1<4>
Watchdog Timer Postscaler bit
1
= 1:128
0
= 1:32
WINDIS
CW1<6>
Windowed WDT bit
1
= Watchdog Timer in Non-Window mode
0
= Watchdog Timer in Window mode; FWDTEN must be ‘1’
WUTSEL1:
WUTSEL0(2)
CW2<14:13>
Voltage Regulator Standby Mode Wake-up Time Select bits
11
= Default regulator wake time used
01
= Fast regulator wake time used
x0
= Reserved; do not use
TABLE 4-2:
PIC24FJXXXGA0XX FAMILY CONFIGURATION BITS DESCRIPTION (CONTINUED)
Bit Field
Register
Description
Note 1:
Available on 28 and 44-pin packages only.
2:
Available only on 28 and 44-pin devices with a silicon revision of 3042h or higher.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com