Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ64GA Datasheet(PDF) 38 Page - Microchip Technology

Part # PIC24FJ64GA
Description  PIC24FJXXXGA0XX Flash Programming Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA Datasheet(HTML) 38 Page - Microchip Technology

Back Button PIC24FJ64GA Datasheet HTML 34Page - Microchip Technology PIC24FJ64GA Datasheet HTML 35Page - Microchip Technology PIC24FJ64GA Datasheet HTML 36Page - Microchip Technology PIC24FJ64GA Datasheet HTML 37Page - Microchip Technology PIC24FJ64GA Datasheet HTML 38Page - Microchip Technology PIC24FJ64GA Datasheet HTML 39Page - Microchip Technology PIC24FJ64GA Datasheet HTML 40Page - Microchip Technology PIC24FJ64GA Datasheet HTML 41Page - Microchip Technology PIC24FJ64GA Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
PIC24FJXXXGA0XX
DS39768D-page 38
© 2008 Microchip Technology Inc.
5.2.8
PROGC COMMAND
The PROGC command instructs the programming
executive to program a single Device ID register
located at the specified memory address.
After the specified data word has been programmed to
code memory, the programming executive verifies the
programmed data against the data in the command.
Expected Response (2 words):
1400h
0002h
5.2.9
PROGP COMMAND
The PROGP command instructs the programming
executive to program one row of code memory, includ-
ing Configuration Words (64 instruction words), to the
specified memory address. Programming begins with
the row address specified in the command. The
destination address should be a multiple of 80h.
The data to program to memory, located in command
words, D_1 through D_96, must be arranged using the
packed instruction word format shown in Figure 5-5.
After all data has been programmed to code memory,
the programming executive verifies the programmed
data against the data in the command.
Expected Response (2 words):
1500h
0002h
15
12 11
8 7
0
Opcode
Length
Reserved
Addr_MSB
Addr_LS
Data
Field
Description
Opcode
4h
Length
4h
Reserved
0h
Addr_MSB
MSB of 24-bit destination address
Addr_LS
Least Significant 16 bits of 24-bit
destination address
Data
8-bit data word
15
12 11
8 7
0
Opcode
Length
Reserved
Addr_MSB
Addr_LS
D_1
D_2
...
D_96
Field
Description
Opcode
5h
Length
63h
Reserved
0h
Addr_MSB
MSB of 24-bit destination address
Addr_LS
Least Significant 16 bits of 24-bit
destination address
D_1
16-bit data word 1
D_2
16-bit data word 2
...
16-bit data word 3 through 95
D_96
16-bit data word 96
Note:
Refer to Table 2-3 for code memory size
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com