Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LST670 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LST670
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LST670 Datasheet(HTML) 4 Page - OSRAM GmbH

  LST670 Datasheet HTML 1Page - OSRAM GmbH LST670 Datasheet HTML 2Page - OSRAM GmbH LST670 Datasheet HTML 3Page - OSRAM GmbH LST670 Datasheet HTML 4Page - OSRAM GmbH LST670 Datasheet HTML 5Page - OSRAM GmbH LST670 Datasheet HTML 6Page - OSRAM GmbH LST670 Datasheet HTML 7Page - OSRAM GmbH LST670 Datasheet HTML 8Page - OSRAM GmbH LST670 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2006-01-01
4
LS T670, LO T670, LY T670, LG T670, LP T670
Kennwerte
Characteristics
(
T
A = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
LS
LO
LY
LG
LP
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
I
F = 10 mA
λ
peak
635
610
586
572
557
nm
Dominantwellenlänge
5) Seite 15
Dominant wavelength
5)
page 15
I
F = 10 mA
λ
dom
628
± 6
606*
–6/+3
587*
–7/+8
570
± 6
560
± 6
nm
Spektrale Bandbreite bei 50 %
I
rel max
(typ.)
Spectral bandwidth at 50 %
I
rel max
I
F = 10 mA
∆λ
45
40
45
25
22
nm
Abstrahlwinkel bei 50 %
I
V (Vollwinkel)
(typ.)
Viewing angle at 50 %
I
V
2
ϕ
120
120
120
120
120
Grad
deg.
Durchlassspannung
6) Seite 15
(typ.)
Forward voltage
6)
page 15
(max.)
I
F = 10 mA
V
F
V
F
2.0
2.5
2.0
2.5
2.0
2.5
2.0
2.5
2.0
2.5
V
V
Sperrstrom
(typ.)
Reverse current
(max.)
V
R = 12 V
I
R
I
R
0.01
10
0.01
10
0.01
10
0.01
10
0.01
10
µA
µA
Temperaturkoeffizient von
λ
peak
(typ.)
Temperature coefficient of
λ
peak
I
F = 10 mA; –10°C ≤ T ≤ 100°C
TCλpeak
0.11
0.12
0.10
0.11
0.11
nm/K
Temperaturkoeffizient von
λ
dom
(typ.)
Temperature coefficient of
λ
dom
I
F = 10 mA; –10°C ≤ T ≤ 100°C
TCλdom
0.07
0.07
0.07
0.07
0.05
nm/K
Temperaturkoeffizient von
V
F
(typ.)
Temperature coefficient of
V
F
I
F = 10 mA; –10°C ≤ T ≤ 100°C
TC
V
– 1.9
– 1.9
– 1.9
– 1.4
– 2.1
mV/K
Optischer Wirkungsgrad
(typ.)
Optical efficiency
I
F = 10 mA
η
opt
1.5
1.5
1.5
2.5
0.6
lm/W
* Einzelgruppen siehe Seite 5
Individual groups on page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com