Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8021 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8021
Description  Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021 Datasheet(HTML) 1 Page - Analog Devices

  AD8021 Datasheet HTML 1Page - Analog Devices AD8021 Datasheet HTML 2Page - Analog Devices AD8021 Datasheet HTML 3Page - Analog Devices AD8021 Datasheet HTML 4Page - Analog Devices AD8021 Datasheet HTML 5Page - Analog Devices AD8021 Datasheet HTML 6Page - Analog Devices AD8021 Datasheet HTML 7Page - Analog Devices AD8021 Datasheet HTML 8Page - Analog Devices AD8021 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Dual-Current Output, Parallel Input, 16-/14-Bit
Multiplying DACs with 4-Quadrant Resistors
Data Sheet
AD5547/AD5557
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2004–2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Dual channel
16-bit resolution: AD5547
14-bit resolution: AD5557
2- or 4-quadrant, 6.8 MHz BW multiplying DAC
±1 LSB DNL
±1 LSB INL
Operating supply voltage: 2.7 V to 5.5 V
Low noise: 12 nV/√Hz
Low power: I
DD = 10 µA max
0.5 µs settling time
Built-in R
FB facilitates current-to-voltage conversion
Built-in 4-quadrant resistors allow 0 V to –10 V, 0 V to +10 V,
or ±10 V outputs
2 mA full-scale current ± 20%, with V
REF = 10 V
Extended automotive operating temperature range
−40°C to +125°C
Selectable zero-scale/midscale power-on presets
Compact 38-lead TSSOP package
APPLICATIONS
Automatic test equipment
Instrumentation
Digitally controlled calibration
Digital waveform generation
FUNCTIONAL BLOCK DIAGRAM
DAC A
D0..D15
OR
D0..D13
DAC A
DAC B
ADDR
DECODE
INPUT
REGISTER
RS
DAC A
REGISTER
RS
DAC B
REGISTER
RS
POWER
ON
RESET
VDD
RCOMB
RCOMA
R1A
ROFSA
VREFA
R1B
ROFSB
RFBA
AGNDA
AGNDB
VREFB
IOUTA
RFBB
IOUTB
D0 TO D15
(AD5547)
D0 TO D13
(AD5557)
A0, A1
MSB
LDAC
DGND
WR
RS
INPUT
REGISTER
RS
DAC B
AD5547/AD5557
Figure 1.
GENERAL DESCRIPTION
The AD5547/AD5557 are dual precision, 16-/14-bit, multiplying,
low power, current-output, parallel input, digital-to-analog
converters (DACs). They are designed to operate from single
+5 V supply with ±10 V multiplying references for 4-quadrant
outputs with 6.8 MHz bandwidth.
The built-in, 4-quadrant resistors facilitate resistance matching
and temperature tracking, which minimize the number of
components needed for multiquadrant applications. In addition,
the feedback resistor (RFB) simplifies the I-to-V conversion with
an external buffer.
The AD5547/AD5557 are available in a compact, 38-lead TSSOP
package and operate at the extended automotive temperature
range of −40°C to +125°C.
VREF
–VREF
–VREF TO +VREF
U1
C1
R1A
16/14 DATA
RCOMA
R1
R2
ROFSA
RFBA
C2
RFB
ROFS
16-/14-BIT
DAC A
MSB A0, A1
2
POWER-ON
RESET
AD5547/AD5557
IOUTA
AGNDA
(ONE CHANNEL SHOWN ONLY)
U2
VOUTA
VREFA
MSB
A0, A1
LDAC
WR
RS
WR
RS
LDAC
Figure 2. 16-/14-Bit 4-Quadrant Multiplying DAC with Minimum of External Components (Only One Channel Is Shown)


Similar Part No. - AD8021

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8021 AD-AD8021 Datasheet
467Kb / 20P
Low Noise, High Speed Amplifier for 16-Bit Systems
10/03-Data Sheet changed from REV. C to REV. D.
AD8021 AD-AD8021 Datasheet
860Kb / 32P
Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
7/04-Revision 0
AD8021 AD-AD8021 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD8021 AD-AD8021 Datasheet
585Kb / 28P
Low Noise, High Speed Amplifier for 16-Bit Systems
Rev. F
AD8021 AD-AD8021 Datasheet
515Kb / 28P
1 nV/?숰z, Low Power, Rail-to-Rail Output Amplifiers
REV. 0
More results

Similar Description - AD8021

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5546 AD-AD5546 Datasheet
683Kb / 16P
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
AD5547 AD-AD5547 Datasheet
481Kb / 20P
Dual Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
AD5556CRUZ AD-AD5556CRUZ Datasheet
1Mb / 20P
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5557CRUZ AD-AD5557CRUZ Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547CRUZ AD-AD5547CRUZ Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547CRUZ AD-AD5547CRUZ Datasheet
412Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs
REV. D
AD5546 AD-AD5546_15 Datasheet
1Mb / 20P
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5547 AD-AD5547_15 Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5556 AD-AD5556_15 Datasheet
1Mb / 20P
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5557 AD-AD5557_15 Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com