Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8021 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8021
Description  Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8021 Datasheet HTML 12Page - Analog Devices AD8021 Datasheet HTML 13Page - Analog Devices AD8021 Datasheet HTML 14Page - Analog Devices AD8021 Datasheet HTML 15Page - Analog Devices AD8021 Datasheet HTML 16Page - Analog Devices AD8021 Datasheet HTML 17Page - Analog Devices AD8021 Datasheet HTML 18Page - Analog Devices AD8021 Datasheet HTML 19Page - Analog Devices AD8021 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
AD5547/AD5557
Rev. D | Page 17 of 20
AC Reference Signal Attenuator
Besides handling the digital waveform decoded from the
parallel input data, the AD5547/AD5557 can also handle low
frequency ac reference signals for signal attenuation, channel
equalization, and waveform generation applications. The
maximum signal range can be up to ±18 V (see Figure 24).
System Calibration
The initial accuracy of the system can be adjusted by trimming
the voltage reference ADR0x with a digital potentiometer (see
Figure 25). The AD5170 provides a one-time programmable
(OTP), 8-bit adjustment that is ideal and reliable for such
calibration. Analog Devices, Inc., OTP digital potentiometer
comes with programmable software that simplifies factory
calibration.
WR
WR
RS
RS
2
LDAC
AD5547/AD5557
16/14 DATA
VDD
ROFSA
RFBA
C6
RFB
ROFS
MSB A0, A1
IOUTA
AGNDA
C2
0.1µF
C1
1µF
VOUTA
MSB
A0, A1
LDAC
+10V
–10V
+5V
OP2177
C7
R1A
RCOMA
R2
R1
VREFA
16-/14-BIT
C4
+15V
U2B
1µF
0.1µF
C5
C8
1µF
0.1µF
C9
OP2177
+V
–V
U2A
U1
–15V
Figure 24. Signal Attenuator with AC Reference
WR
WR
RS
RS
2
LDAC
AD5547/AD5557
16/14 DATA
VDD
ROFSA
RFBA
C6
RFB
ROFS
MSB A0, A1
IOUTA
U2B
+5V
AGNDA
C1
1µF
C2
0.1µF
C3
0.1µF
VOUTA
MSB
A0, A1
LDAC
REF 01/AD
4
5
10kΩ
1kΩ
6
U3
AD5170
R7
R3
+2.5V
U4
U2
B
470kΩ
2
+5V
0V TO +2.5V
–2.5V
AD8628
C7
R1A
RCOMA
R2
U1
R1
VREFA
16-/14-BIT
GND
ADR03
VOUT
TRIM
VIN
C4
1µF
0.1µF
C5
AD8628
+V
–V
Figure 25. Full-Span Calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com