Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8021 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8021
Description  Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8021 Datasheet HTML 6Page - Analog Devices AD8021 Datasheet HTML 7Page - Analog Devices AD8021 Datasheet HTML 8Page - Analog Devices AD8021 Datasheet HTML 9Page - Analog Devices AD8021 Datasheet HTML 10Page - Analog Devices AD8021 Datasheet HTML 11Page - Analog Devices AD8021 Datasheet HTML 12Page - Analog Devices AD8021 Datasheet HTML 13Page - Analog Devices AD8021 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD5547/AD5557
Data Sheet
Rev. D | Page 10 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
1.0
0.8
0.6
0
8192
16,384 24,576 32,768 40,960 49,152 57,344 65,536
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
CODE (Decimal)
Figure 6. AD5547 Integral Nonlinearity Error
1.0
0.8
0.6
0
8192
16,384 24,576 32,768 40,960 49,152 57,344 65,536
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
CODE (Decimal)
Figure 7. AD5547 Differential Nonlinearity Error
1.0
0.8
0.6
0
2048
4096
6144
8192
10,240 12,288 14,336 16,384
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
CODE (Decimal)
Figure 8. AD5557 Integral Nonlinearity Error
1.0
0.8
0.6
0
2048
4096
6144
8192
10,240 12,288 14,336 16,384
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
CODE (Decimal)
Figure 9. AD5557 Differential Nonlinearity Error
1.5
1.0
2
4
GE
DNL
INL
6
8
10
0.5
0
–0.5
–1.0
–1.5
SUPPLY VOLTAGE VDD (V)
VREF = 2.5V
TA = 25°C
Figure 10. Linearity Error vs. Supply Voltage, VDD
5
4
0
0.5
1.0
1.5
2.0
3.0
3.5
2.5
4.0
4.5
5.0
3
2
1
0
LOGIC INPUT VOLTAGE VIH (V)
VDD = 5V
TA = 25°C
Figure 11. Supply Current vs. Logic Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com