Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8021 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8021
Description  Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8021 Datasheet HTML 12Page - Analog Devices AD8021 Datasheet HTML 13Page - Analog Devices AD8021 Datasheet HTML 14Page - Analog Devices AD8021 Datasheet HTML 15Page - Analog Devices AD8021 Datasheet HTML 16Page - Analog Devices AD8021 Datasheet HTML 17Page - Analog Devices AD8021 Datasheet HTML 18Page - Analog Devices AD8021 Datasheet HTML 19Page - Analog Devices AD8021 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD5547/AD5557
Data Sheet
Rev. D | Page 16 of 20
BIPOLAR MODE
4-Quadrant Multiplying Mode, VOUT = –VREF to +VREF
The AD5547/AD5557 contain on-chip all the 4-quadrant
resistors necessary for precision bipolar multiplying operation.
Such a feature minimizes the number of exponent components
to only a voltage reference, dual op amp, and compensation
capacitor (see Figure 23). For example, with a +10 V reference,
the circuit yields a precision, bipolar –10 V to +10 V output.
VOUT = (D/32768 − 1) × VREF (AD5547)
(5)
VOUT = (D/16384 − 1) × VREF (AD5557)
(6)
Table 9 shows some of the results for the 16-bit AD5547.
Table 9. AD5547 Output vs. Code
D in Binary
V
OUT
1111 1111 1111 1111
+V
REF (32,767/32,768)
1000 0000 0000 0001
+V
REF (1/32,768)
1000 0000 0000 0000
0
0111 1111 1111 1111
–V
REF (1/32,768)
0000 0000 0000 0000
–V
REF
WR
WR
RS
RS
C6 0.1µF
C7 1µF
2
+10V
–10V
–15V
–10V TO +10V
+15V
AD8512
AD8512
AD5547/AD5557
C8
U2A
R1A
16/14 DATA
VDD
RCOMA
R2
U1
R1
ROFSA
RFBA
C9
RFB
ROFS
MSB
A0, A1
IOUTA
AGNDA
U2B
C4 1µF
C1
1µF
C2
0.1µF
C3
0.1µF
C5 0.1µF
VOUT
VREFA
MSB
A0, A1
LDAC
LDAC
+V
–V
GND
ADR01
4
VOUT
TRIM
5
6
VIN
U3
2
+15V
+5V
16-/14-BIT
DAC A
Figure 23. 4-Quadrant Multiplying Mode, VOUT = –VREF to +VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com