Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16201PCB Datasheet(PDF) 13 Page - Analog Devices

Part # ADIS16201PCB
Description  Programmable Dual-Axis Inclinometer/Accelerometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16201PCB Datasheet(HTML) 13 Page - Analog Devices

Back Button ADIS16201PCB Datasheet HTML 9Page - Analog Devices ADIS16201PCB Datasheet HTML 10Page - Analog Devices ADIS16201PCB Datasheet HTML 11Page - Analog Devices ADIS16201PCB Datasheet HTML 12Page - Analog Devices ADIS16201PCB Datasheet HTML 13Page - Analog Devices ADIS16201PCB Datasheet HTML 14Page - Analog Devices ADIS16201PCB Datasheet HTML 15Page - Analog Devices ADIS16201PCB Datasheet HTML 16Page - Analog Devices ADIS16201PCB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet
ADIS16201
Rev. C | Page 13 of 32
THEORY OF OPERATION
The ADIS16201 is a complete dual-axis digital inclinometer/
accelerometer that uses Analog Devices’ surface-micromachining
process and embedded signal processing to make a functionally
complete, low cost dual-axis sensor.
The ADIS16201 offers a fully calibrated, dual–axis
micromachined sensor element that develops independent
analog signals representative of the acceleration levels applied to
the part. An on-board precision ADC samples the acceleration
signals, along with the power supply voltage, an internal
temperature signal, and the auxiliary analog input signal. These
signals are then processed and latched into addressable output
registers. The serial peripheral interface (SPI) provides
convenient, digital access to these registers.
In addition, the acceleration signals are further processed to
produce inclination angle data for both axes. The inclination
angle data represents the tilt away from the ideal plane, which
in this case, is normal to the earth’s gravitational force. This
calculation assumes that no force outside of the earth’s
gravitational force is acting on the device.
ACCELEROMETER OPERATION
The acceleration sensor used in the ADIS16201 is a surface-
machined, polysilicon structure built on top of a silicon wafer.
Polysilicon springs suspend the structure over the surface of the
wafer and provide a resistance against acceleration forces.
Acceleration causes a deflection in the differential capacitor
structure that includes both fixed plates and plates that are
attached to the moving mass. The fixed plates are driven by a set
of square waves that are 180o out-of-phase from one another.
Acceleration deflects the beam and unbalances the differential
capacitor, resulting in an output square wave whose amplitude
is proportional to acceleration. Phase sensitive demodulation
techniques rectify the signal and determine the direction of the
acceleration. The output of the demodulator is amplified,
digitized, and processed to remove any process variations and
sensitivities to supply variations.
INCLINOMETER OPERATION
The ADIS16201 inclinometer output data is linear with respect
to degrees of inclination and is dependent on no forces, other
than gravity, acting on the device. The ADIS16201 leverages a
simple geometrical relationship to convert its calibrated
acceleration measurements into an accurate inclination angle
estimate. Figure 31 displays the acceleration measurements
associated with each incline angle, along with the resulting
inclination angle estimate produced by the ADIS16201.
One important behavior to observe when using this approach is
the fact that the relationship between the acceleration
measurements and inclination angle is nonlinear. This non-
linear behavior results in larger quantization error changes as
the inclination angle approaches 90°. Figure 32 provides a closer
look at this behavior by illustrating the increase in step size as
the inclination angle estimate increases. Figure 33 offers a direct
relationship between the quantization error and the overall
inclination angle.
0
90.0
TILT (Degrees)
22.5
45.0
67.5
INCLINATION
ACCELERATION
Figure 31. Acceleration and Inclination Angle vs. Actual Tilt Angle
75
90
TILT (Degrees)
80
85
INCLINATION
ACCELERATION
Figure 32. Acceleration and Inclination Angle vs. Actual Tilt Angle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com