Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16201PCB Datasheet(PDF) 14 Page - Analog Devices

Part # ADIS16201PCB
Description  Programmable Dual-Axis Inclinometer/Accelerometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16201PCB Datasheet(HTML) 14 Page - Analog Devices

Back Button ADIS16201PCB Datasheet HTML 10Page - Analog Devices ADIS16201PCB Datasheet HTML 11Page - Analog Devices ADIS16201PCB Datasheet HTML 12Page - Analog Devices ADIS16201PCB Datasheet HTML 13Page - Analog Devices ADIS16201PCB Datasheet HTML 14Page - Analog Devices ADIS16201PCB Datasheet HTML 15Page - Analog Devices ADIS16201PCB Datasheet HTML 16Page - Analog Devices ADIS16201PCB Datasheet HTML 17Page - Analog Devices ADIS16201PCB Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ADIS16201
Data Sheet
Rev. C | Page 14 of 32
1.5
–1.5
0
90
TILT (Degrees)
1.0
0.5
0
–0.5
–1.0
15
30
45
60
75
Figure 33. Inclination Quantization Error
TEMPERATURE SENSOR
The TEMP_OUT control register allows the end user to
monitor the internal temperature of the ADIS16201 to an
accuracy of ±5°C. The output data is presented in a straight
binary format with a nominal 25°C die temperature correlating
to a 1278 LSB read through the TEMP_OUT output data
register. The temperature scale factor of −2.129 LSB/°C allows
for a resolution of less than 0.5°C in the temperature reading
within the output data register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com