Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16201PCB Datasheet(PDF) 28 Page - Analog Devices

Part # ADIS16201PCB
Description  Programmable Dual-Axis Inclinometer/Accelerometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16201PCB Datasheet(HTML) 28 Page - Analog Devices

Back Button ADIS16201PCB Datasheet HTML 24Page - Analog Devices ADIS16201PCB Datasheet HTML 25Page - Analog Devices ADIS16201PCB Datasheet HTML 26Page - Analog Devices ADIS16201PCB Datasheet HTML 27Page - Analog Devices ADIS16201PCB Datasheet HTML 28Page - Analog Devices ADIS16201PCB Datasheet HTML 29Page - Analog Devices ADIS16201PCB Datasheet HTML 30Page - Analog Devices ADIS16201PCB Datasheet HTML 31Page - Analog Devices ADIS16201PCB Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
ADIS16201
Data Sheet
Rev. C | Page 28 of 32
GENERAL PURPOSE I/O CONTROL
As previously noted, the ADIS16201 provides two general-
purpose, bidirectional I/O pins (GPIOs) that are available to the
user for control of auxiliary circuits within the target application.
All I/O pins are 5 V tolerant, meaning that the GPIOs support
an input voltage of 5 V. All GPIO pins have an internal pull-up
resistor of approximately 100 kΩ, and their drive capability is
1.6 mA. The direction, as well as the logic level, can be
controlled for these GPIO pins through the GPIO_CTRL
control register, as defined in Table 31.
These same GPIO pins are also controllable through the
ALM_CTRL and MSC_CTRL control registers. The priority for
these three control registers in controlling the two GPIO pins is
MSC_CTRL has precedence over ALM_CTRL, which has
precedence over GPIO_CTRL.
GPIO_CTRL Register Definition
Address
Default1
Format
Access
0x33, 0x32
0x0000
N/A
R/W
1
Default is valid only until the first register write cycle.
Auxiliary Digital I/O Control Register. The data within this
register is volatile and is set to 0s upon reset.
Table 31. GPIO_CTRL Bit Descriptions
Bit
Description
15:10
Not used.
9
General-Purpose I/O Line 1 polarity.
0: Low
1: High
8
General-Purpose I/O Line 0 polarity.
0: Low
1: High
7:2
Not used.
1
General-Purpose I/O Line 1, data direction control.
0: Input
1: Output
0
General-Purpose I/O Line 0, data direction control.
0: Input
1: Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com