Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16201PCB Datasheet(PDF) 27 Page - Analog Devices

Part # ADIS16201PCB
Description  Programmable Dual-Axis Inclinometer/Accelerometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16201PCB Datasheet(HTML) 27 Page - Analog Devices

Back Button ADIS16201PCB Datasheet HTML 23Page - Analog Devices ADIS16201PCB Datasheet HTML 24Page - Analog Devices ADIS16201PCB Datasheet HTML 25Page - Analog Devices ADIS16201PCB Datasheet HTML 26Page - Analog Devices ADIS16201PCB Datasheet HTML 27Page - Analog Devices ADIS16201PCB Datasheet HTML 28Page - Analog Devices ADIS16201PCB Datasheet HTML 29Page - Analog Devices ADIS16201PCB Datasheet HTML 30Page - Analog Devices ADIS16201PCB Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Data Sheet
ADIS16201
Rev. C | Page 27 of 32
PERIPHERALS
AUXILIARY ADC FUNCTION
The auxiliary ADC function integrates a standard 12-bit ADC
into the ADIS16201 to digitize other system-level analog signals.
The output of the ADC can be monitored through the AUX_ADC
control register, as defined in Table 6 and Table 7. The ADC
consists of a 12-bit successive approximation converter. The
output data is presented in straight binary format, with the full
scale range extending from 0 V to VREF. A high precision, low
drift, factory-calibrated 2.5 V reference is also provided.
Figure 38 shows the equivalent circuit of the analog input
structure of the ADC. The input capacitor, C1, is typically 4 pF
and can be attributed to parasitic package capacitance. The two
diodes provide ESD protection for the analog input. Care must
be taken to ensure that the analog input signals never exceed
the supply rails by more than 300 mV. This would cause these
diodes to become forward-biased and start conducting. They
can handle 10 mA without causing irreversible damage to the
part. The resistor is a lumped component that represents the on
resistance of the switches. The value of this resistance is typically
100 Ω. Capacitor C2 represents the ADC sampling capacitor
and is typically 16 pF.
C2
C1
R1
VDD
D
D
Figure 38. Equivalent Analog Input Circuit
Conversion Phase: Switch Open
Track Phase: Switch Closed
For ac applications, removing high frequency components from
the analog input signal is recommended through the use of an
RC low-pass filter on the relevant analog input pins.
In applications where harmonic distortion and signal-to-noise
ratio are critical, the analog input should be driven from a low
impedance source. Large source impedances significantly affect
the ac performance of the ADC. This can necessitate the use of
an input buffer amplifier. When no input amplifier is used to
drive the analog input, the source impedance should be limited
to values lower than 1 kΩ. The maximum source impedance
depends on the amount of total harmonic distortion (THD)
that can be tolerated.
AUXILIARY DAC FUNCTION
The auxiliary DAC function integrates a standard 12-bit DAC
into the ADIS16201. The DAC output is buffered and fed off-
chip to allow for the control of miscellaneous system-level
functions. Data is downloaded through the writing of two
adjacent data bytes, as defined in its register definition. To
prevent the DAC from transitioning through inadvertent states
during data downloads, a single command is used to
simultaneously latch both data bytes into the DAC after they
have been written into the AUX_DAC control register. This
command is implemented by writing 1 to Bit 2 of the command
control register, which, once received, results in the DAC output
transitioning to the desired state.
The DAC output provides an output range of 0 V to 2.5 V. The
DAC output buffer features a true rail-to-rail output stage. This
means that, unloaded, the output is capable of reaching within
5 mV of ground. Moreover, the DAC’s linearity performance
(when driving a 5 kΩ resistive load to ground) is good through
the full transfer function, except for Code 0 to Code 100.
Linearity degradation near ground is caused by saturation of the
output amplifier. As the output is forced to sink more current,
the nonlinear region at the bottom of the transfer function
becomes larger. Larger current demands can significantly limit
output voltage swing.
AUX_DAC Register Definition
Address
Default1
Format
Access
0x31, 0x30
0x0000
Binary
R/W
1
Default is valid only until the first register write cycle.
The AUX_DAC register controls the ADIS16201’s DAC function.
The data bits provide a 12-bit binary format number with 0
representing 0 V and 0x0FFFh representing 2.5 V. The data
within this register is volatile and is set to 0s upon reset. This
register has read/write capability.
Table 30. AUX_DAC Bit Descriptions
Bit
Description
15:12
Not used
11:0
Data bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com