Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1275-1ACPZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADM1275-1ACPZ-R7
Description  Hot-Swap Controller and Digital Power
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1275-1ACPZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADM1275-1ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADM1275-1ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADM1275-1ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADM1275-1ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADM1275-1ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADM1275-1ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADM1275-1ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADM1275-1ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADM1275-1ACPZ-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
ADM1275
Data Sheet
Rev. D | Page 36 of 48
PMBus COMMAND REFERENCE
Register addresses are in hexadecimal format.
Table 11. PMBus Command Summary
Command Code
Command Name
SMBus Transaction Type
Number of Data Bytes
Default Value at Reset
0x01
OPERATION
Read/write byte
1
0x80
0x03
CLEAR_FAULTS
Send byte
0
Not applicable
0x19
CAPABILITY
Read byte
1
0xB0
0x42
VOUT_OV_WARN_LIMIT
Read/write word
2
0x0FFF
0x43
VOUT_UV_WARN_LIMIT
Read/write word
2
0x0000
0x4A
IOUT_OC_WARN_LIMIT
Read/write word
2
0x0FFF
0x57
VIN_OV_WARN_LIMIT
Read/write word
2
0x0FFF
0x58
VIN_UV_WARN_LIMIT
Read/write word
2
0x0000
0x78
STATUS_BYTE
Read byte
1
0x00
0x79
STATUS_WORD
Read word
2
0x0000
0x7A
STATUS_VOUT
Read byte
1
0x00
0x7B
STATUS_IOUT
Read byte
1
0x00
0x7C
STATUS_INPUT
Read byte
1
0x00
0x80
STATUS_MFR_SPECIFIC
Read byte
1
0x00
0x88
READ_VIN
Read word
2
0x0000
0x8B
READ_VOUT
Read word
2
0x0000
0x8C
READ_IOUT
Read word
2
0x0000
0x98
PMBUS_REVISION
Read byte
1
0x11
0x99
MFR_ID
Block read
1 (byte count) + 3 (data)
0x03 + ASCII “ADI”
0x9A
MFR_MODEL
Block read
1 (byte count) + 9 (data)
0x09 + ASCII “ADM1275-
x”1
0x9B
MFR_REVISION
Block read
1 (byte count) + 1 (data)
0x01 + ASCII “1”
0xD0
PEAK_IOUT
Read/write word
2
0x0000
0xD1
PEAK_VIN
Read/write word
2
0x0000
0xD2
PEAK_VOUT
Read/write word
2
0x0000
0xD3
PMON_CONTROL
Read/write byte
1
0x00
0xD4
PMON_CONFIG
Read/write byte
1
0x2C
0xD5
ALERT1_CONFIG
Read/write word
2
0x0000
0xD6
ALERT2_CONFIG
Read/write word
2
0x8000
0xD7
IOUT_WARN2_LIMIT
Read/write word
2
0x0000
0xD8
DEVICE_CONFIG
Read/write byte
1
0x00
0xD9
POWER_CYCLE
Send byte
0
Not applicable
1
The character “x” in the string is 1, 2, or 3, depending on the model of the ADM1275 that is being queried (ADM1275-1, ADM1275-2, or ADM1275-3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com