Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1275-1ACPZ-R7 Datasheet(PDF) 41 Page - Analog Devices

Part # ADM1275-1ACPZ-R7
Description  Hot-Swap Controller and Digital Power
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1275-1ACPZ-R7 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADM1275-1ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADM1275-1ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADM1275-1ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADM1275-1ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADM1275-1ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADM1275-1ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADM1275-1ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADM1275-1ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADM1275-1ACPZ-R7 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
Data Sheet
ADM1275
Rev. D | Page 41 of 48
READ_VOUT
Code: 0x8B, read word. Value after reset: 0x0000.
This command is supported on the ADM1275-1 and the ADM1275-3. The ADM1275-2 does not have a VOUT pin.
Table 27. Bit Descriptions for READ_VOUT Command
Bits
Bit Name
Settings
Description
[15:12]
Reserved
0000
Always reads as 0000.
[11:0]
VOUT
Output voltage from the VOUT pin measurement, expressed in ADC codes.
READ_IOUT
Code: 0x8C, read word. Value after reset: 0x0000.
Table 28. Bit Descriptions for READ_IOUT Command
Bits
Bit Name
Settings
Description
[15:12]
Reserved
0000
Always reads as 0000.
[11:0]
IOUT
Output current from the measurement through the sense resistor.
PMBUS_REVISION
Code: 0x98, read byte. Value after reset: 0x11.
Table 29. Bit Descriptions for PMBUS_REVISION Command
Bits
Bit Name
Settings
Description
[7:4]
Part I Revision
0001
Always reads as 0001, PMBus Specification Part I, Revision 1.1.
[3:0]
Part II Revision
0001
Always reads as 0001, PMBus Specification Part II, Revision 1.1.
MFR_ID
Code: 0x99, block read. Value after reset: 0x03 + ASCII “ADI”.
Table 30. Bit Descriptions for MFR_ID Command
Byte
Byte Name
Value
Description
0
Byte count
0x03
Always reads as 0x03, the number of data bytes that the block read command
should expect to read.
1
Character 1
0x41 or “A”
Always reads as 0x41.
2
Character 2
0x44 or “D”
Always reads as 0x44.
3
Character 3
0x49 or “I”
Always reads as 0x49.
MFR_MODEL
Code: 0x9A, block read. Value after reset: 0x09 + ASCII “ADM1275-x”.
Table 31. Bit Descriptions for MFR_MODEL Command
Byte
Byte Name
Value
Description
0
Byte count
0x09
Always reads as 0x09, the number of data bytes that the block read command
should expect to read.
1
Character 1
0x41 or “A”
Always reads as 0x41.
2
Character 2
0x44 or “D”
Always reads as 0x44.
3
Character 3
0x4D or “M”
Always reads as 0x4D.
4
Character 4
0x31 or “1”
Always reads as 0x31.
5
Character 5
0x32 or “2”
Always reads as 0x32.
6
Character 6
0x37 or “7”
Always reads as 0x37.
7
Character 7
0x35 or “5”
Always reads as 0x35.
8
Character 8
0x2D or “-”
Always reads as 0x2D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com