Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1275-1ACPZ-R7 Datasheet(PDF) 43 Page - Analog Devices

Part # ADM1275-1ACPZ-R7
Description  Hot-Swap Controller and Digital Power
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1275-1ACPZ-R7 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADM1275-1ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADM1275-1ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADM1275-1ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADM1275-1ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADM1275-1ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADM1275-1ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADM1275-1ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADM1275-1ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADM1275-1ACPZ-R7 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
Data Sheet
ADM1275
Rev. D | Page 43 of 48
PMON_CONFIG
Code: 0xD4, read/write byte. Value after reset: 0x2C.
Modifying the power monitor settings while the power monitor is sampling is not supported. The power monitor must be stopped before
any setting in Table 37 is changed to ensure correct operation and to prevent any potential spurious data and status alerts being generated.
Table 37. Bit Descriptions for PMON_CONFIG Command
Bits
Bit Name
Settings
Description
7
PMON_MODE
0
Default. This setting selects single-shot sampling mode.
1
This setting selects continuous sampling mode.
6
VIN_VOUT_SELECT
0
Default. The power monitor will sample the input voltage on the SENSE+ pin. On the
ADM1275-2, this bit should always be written as 0.
1
The power monitor will sample the output voltage on the VOUT pin.
5
VRANGE
0
Sets the voltage input range from 0 V to 6 V (low input voltage range).
1
Default. Sets the voltage input range from 0 V to 20 V (high input voltage range).
4
Reserved
0
Reserved. This bit must always be written as 0.
3
Reserved
1
Default. This bit must be set to 1 for the power monitor current sense to operate
correctly.
[2:0]
AVERAGING
000
Disables sample averaging for current and voltage.
001
Sets sample averaging for current and voltage to 2 samples.
010
Sets sample averaging for current and voltage to 4 samples.
011
Sets sample averaging for current and voltage to 8 samples.
100
Sets sample averaging for current and voltage to 16 samples.
101
Sets sample averaging for current and voltage to 32 samples.
110
Sets sample averaging for current and voltage to 64 samples.
111
Sets sample averaging for current and voltage to 128 samples.
ALERT1_CONFIG
Code: 0xD5, read/write word. Value after reset: 0x0000.
This command is supported on the ADM1275-1 and the ADM1275-2. The ADM1275-3 does not have a GPO1/ALERT1/CONV pin.
Table 38. Bit Descriptions for ALERT1_CONFIG Command
Bits
Bit Name
Settings
Description
15
FET_HEALTH_BAD_EN1
0
Default. Disables generation of SMBAlert when the FET_HEALTH_BAD bit is set.
1
Generate SMBAlert when the FET_HEALTH_BAD bit is set.
14
IOUT_OC_FAULT_EN1
0
Default. Disables generation of SMBAlert when the IOUT_OC_FAULT bit is set.
1
Generate SMBAlert when the IOUT_OC_FAULT bit is set.
13
VIN_OV_FAULT_EN1
0
Default. Disables generation of SMBAlert when the VIN_OV_FAULT bit is set.
1
Generate SMBAlert when the VIN_OV_FAULT bit is set.
12
VIN_UV_FAULT_EN1
0
Default. Disables generation of SMBAlert when the VIN_UV_FAULT bit is set.
1
Generate SMBAlert when the VIN_UV_FAULT bit is set.
11
CML_ERROR_EN1
0
Default. Disables generation of SMBAlert when the CML_ERROR bit is set.
1
Generate SMBAlert when the CML_ERROR bit is set.
10
IOUT_OC_WARN_EN1
0
Default. Disables generation of SMBAlert when the IOUT_OC_WARN bit is set.
1
Generate SMBAlert when the IOUT_OC_WARN bit is set.
9
IOUT_WARN2_EN1
0
Default. Disables generation of SMBAlert when the IOUT_WARN2 bit is set.
1
Generate SMBAlert when the IOUT_WARN2 bit is set.
8
VIN_OV_WARN_EN1
0
Default. Disables generation of SMBAlert when the VIN_OV_WARN bit is set.
1
Generate SMBAlert when the VIN_OV_WARN bit is set.
7
VIN_UV_WARN_EN1
0
Default. Disables generation of SMBAlert when the VIN_UV_WARN bit is set.
1
Generate SMBAlert when the VIN_UV_WARN bit is set.
6
VOUT_OV_WARN_EN1
0
Default. Disables generation of SMBAlert when the VOUT_OV_WARN bit is set.
1
Generate SMBAlert when the VOUT_OV_WARN bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com