Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1275-1ACPZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADM1275-1ACPZ-R7
Description  Hot-Swap Controller and Digital Power
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1275-1ACPZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADM1275-1ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADM1275-1ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADM1275-1ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADM1275-1ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADM1275-1ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADM1275-1ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADM1275-1ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADM1275-1ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADM1275-1ACPZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
ADM1275
Data Sheet
Rev. D | Page 38 of 48
IOUT_WARN2_LIMIT
Code: 0xD7, read/write word. Value after reset: 0x0000.
Table 17. Bit Descriptions for IOUT_WARN2_LIMIT Command
Bits
Bit Name
Settings
Description
[15:12]
Reserved
0000
Always reads as 0000.
[11:0]
IOUT_WARN2_LIMIT
Threshold for the IOUT measurement through the sense resistor, expressed in ADC
codes. This value can be either an undercurrent or an overcurrent, depending on the
state of the IOUT_WARN2_SELECT bit set using the DEVICE_CONFIG command.
VIN_OV_WARN_LIMIT
Code: 0x57, read/write word. Value after reset: 0x0FFF.
Table 18. Bit Descriptions for VIN_OV_WARN_LIMIT Command
Bits
Bit Name
Settings
Description
[15:12]
Reserved
0000
Always reads as 0000.
[11:0]
VIN_OV_WARN_LIMIT
Overvoltage threshold for the SENSE+ pin measurement, expressed in ADC codes.
VIN_UV_WARN_LIMIT
Code: 0x58, read/write word. Value after reset: 0x0000.
Table 19. Bit Descriptions for VIN_UV_WARN_LIMIT Command
Bits
Bit Name
Settings
Description
[15:12]
Reserved
0000
Always reads as 0000.
[11:0]
VIN_UV_WARN_LIMIT
Undervoltage threshold for the SENSE+ pin measurement, expressed in ADC codes.
STATUS_BYTE
Code: 0x78, read byte. Value after reset: 0x00.
Table 20. Bit Descriptions for STATUS_BYTE Command
Bits
Bit Name
Behavior
Settings
Description
7
Reserved
0
Always reads as 0.
6
HOTSWAP_OFF
Live
0
The hot-swap gate drive output is enabled.
1
The hot-swap gate drive output is disabled, and the GATE pin is pulled
down. This can be due to, for example, an overcurrent fault that causes
the ADM1275 to latch off, an undervoltage condition on the UV pin, or
the use of the OPERATION command to turn the output off.
5
Reserved
0
Always reads as 0.
4
IOUT_OC_FAULT
Latched
0
No overcurrent output fault detected.
1
The hot-swap controller detected an overcurrent condition and the time
limit set by the capacitor on the TIMER pin has elapsed, causing the hot-
swap gate drive to shut down.
3
VIN_UV_FAULT
Latched
0
No undervoltage input fault detected on the UV pin.
1
An undervoltage input fault was detected on the UV pin.
2
Reserved
0
Always reads as 0.
1
CML_ERROR
Latched
0
No communications error detected on the I2C/PMBus interface.
1
An error was detected on the I2C/PMBus interface. Errors detected are
unsupported command, invalid PEC byte, and incorrectly structured
message.
0
NONE_OF_THE_ABOVE
Live
0
No other active status bit to be reported by any other status command.
1
Active status bits are waiting to be read by one or more status commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com