Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7776 Datasheet(PDF) 16 Page - OSRAM GmbH

Part # SFH7776
Description  Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7776 Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button SFH7776 Datasheet HTML 12Page - OSRAM GmbH SFH7776 Datasheet HTML 13Page - OSRAM GmbH SFH7776 Datasheet HTML 14Page - OSRAM GmbH SFH7776 Datasheet HTML 15Page - OSRAM GmbH SFH7776 Datasheet HTML 16Page - OSRAM GmbH SFH7776 Datasheet HTML 17Page - OSRAM GmbH SFH7776 Datasheet HTML 18Page - OSRAM GmbH SFH7776 Datasheet HTML 19Page - OSRAM GmbH SFH7776 Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
2013-07-09
16
DRAFT - For reference only.
Subject to change without notice.
Version 0.1
SFH 7776
PS sensitivity f(I
LED)
V
DD=2.5V; Trep=100ms; R=90%; AReflector = 10 x 13 cm²
Typical crosstalk free range
V
DD=2.5V; ILED=200mA; Trep=100ms; glass without ink and one single IR transmissive opening ;
OHF05601
0
h
1
50
100
150
200
250
10
100
1000
mm
I
= 50 mA
LED
= 100 mA
= 200 mA
LED
I
LED
I
0
0
0.4
0.2
0 counts
0.2
0.4
0.6
mm
0.8
1.0
1.2
Thickness of coverglass
1.2
0.8
1
mm
OHF05599
0.6
> 1 count
1 count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com