Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7776 Datasheet(PDF) 27 Page - OSRAM GmbH

Part # SFH7776
Description  Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7776 Datasheet(HTML) 27 Page - OSRAM GmbH

Back Button SFH7776 Datasheet HTML 23Page - OSRAM GmbH SFH7776 Datasheet HTML 24Page - OSRAM GmbH SFH7776 Datasheet HTML 25Page - OSRAM GmbH SFH7776 Datasheet HTML 26Page - OSRAM GmbH SFH7776 Datasheet HTML 27Page - OSRAM GmbH SFH7776 Datasheet HTML 28Page - OSRAM GmbH SFH7776 Datasheet HTML 29Page - OSRAM GmbH SFH7776 Datasheet HTML 30Page - OSRAM GmbH SFH7776 Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
Version 0.1
SFH 7776
2013-07-09
27
DRAFT - For reference only.
Subject to change without notice.
ALS_VIS_TL_LSBs register (0x51h)
LSB for the ALS VIS threshold „LOW“.
ALS_VIS_TL_MSBs register (0x52h)
MSB for the ALS VIS threshold „LOW“.
INT modes
The Interrupt function compares ALS and PS measurement values with the current interrupt threshold
level. PS and ALS VIS Interrupt status is readable via register 0x4Ah or at the INT pin of the sensor.
The Interrupt persistence function is only valid for PS measurements and is defined at register (0x43h).
The INT pin of the SFH 7776 is an open drain output and should be pulled-up to V
I/O by an external
resistor. When VDD is supplied to the sensor the INT pin is per default in high ohmic (inactive) state.
The INT status becomes inactive by writing an INT reset command, reading the INT status register or
performing a software reset.
The INT status stays in its last state when the sensor is set to the standby mode. In the INT active state
„low“ the sensor consumes ~25µA extrra current. Therefore OSRAM recommends to set the INT state
to high impedance before setting the sensor in standby mode.
Below the ALS and PS INT modes are described for the unlatched mode. In latched mode the switching
back to the „inactive“ INT state is depending on an interrupt reset or on reading out the INT status reg-
ister.
ALS INT mode:
The ALS VIS threshold levels high (register 0x4Fh & 0x50h) and low (register 0x4Fh & 0x50h)
are only valid for the ALS VIS measurement values. The ALS VIS INT mode is fixed and can not
be adapted via register. The thresholds define a window with the following functionality:
ALS INT is active, if the ALS VIS measurement values are outside the window
ALS INT is inactive, if the ALS VIS measurement results are inside the window.
PS INT Modes: Bit <5;4> of interrupt function setting register (0x4Ah)
00 PS_TH is active only:
The INT state is active, if the PS measurement result is equal or higher than the set PS_TH high
threshold.
R/W-Register 0x51
Bit
7
6
5
4
3
2
1
0
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
default
000
000
00
R/W-Register 0x52
Bit
7
6
5
4
3
2
1
0
2
15
2
14
2
13
2
12
2
11
2
10
2
9
2
8
default
000
000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com