Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7776 Datasheet(PDF) 23 Page - OSRAM GmbH

Part # SFH7776
Description  Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7776 Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button SFH7776 Datasheet HTML 19Page - OSRAM GmbH SFH7776 Datasheet HTML 20Page - OSRAM GmbH SFH7776 Datasheet HTML 21Page - OSRAM GmbH SFH7776 Datasheet HTML 22Page - OSRAM GmbH SFH7776 Datasheet HTML 23Page - OSRAM GmbH SFH7776 Datasheet HTML 24Page - OSRAM GmbH SFH7776 Datasheet HTML 25Page - OSRAM GmbH SFH7776 Datasheet HTML 26Page - OSRAM GmbH SFH7776 Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
Version 0.1
SFH 7776
2013-07-09
23
DRAFT - For reference only.
Subject to change without notice.
PS_DATA_LSBs register (0x44h)
LSB of the PS output.
PS_DATA_MSBs register (0x45h)
MSB of the PS output.
0000 Interrupt becomes active after each measurement
(The mode indicates that a PS or ALS measurement has been finished and can
be read via the register. It is independent of the ALS & PS measurement value
and threshold settings)
0001 Interrupt status is updated after each measurement
(The interrupt status is updated independently after each measurement. Active
or Inactive status of the interrupt is depending on the values of the last
measurement in combination with the interrupt settings :“interrupt mode“
(register 0x4Ah) and „thresholds“ register 0c4Ch and following.)
0010 Interrupt status is updated if two consecutive threshold
judgement are the same
(The interrupt status only changes if the interrupt judgement of 2 consecutive
measurement results are the same and different to the current interrupt status.)
0011 ... 1111 Interrupt status is updated if threshold judgement are
the same over consecutive set times (3 .. 15)
(This is the same procedure like in the 0010 persistence mode, but instead of
2 consecutive threshold judgments more are needed (3 to 15 depending on the
setting) to change the interrupt status.)
e.g.:
1010: 10 measurement results in a row need to fulfill the interrupt judgement to
update the interrupt status
R-Register 0x44
Bit
7
6
5
4
3
2
1
0
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
default 000
000
0
0
R-Register 0x45
Bit
7
6
5
4
3
2
1
0
not used
not used
not used
not used
2
11
2
10
2
9
2
8
default
0
000
0000
R/W-Register 0x43
Bit
7
6
5
4
3
2
1
0
Reserved (read only) Persistence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com