Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7776 Datasheet(PDF) 20 Page - OSRAM GmbH

Part # SFH7776
Description  Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7776 Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button SFH7776 Datasheet HTML 16Page - OSRAM GmbH SFH7776 Datasheet HTML 17Page - OSRAM GmbH SFH7776 Datasheet HTML 18Page - OSRAM GmbH SFH7776 Datasheet HTML 19Page - OSRAM GmbH SFH7776 Datasheet HTML 20Page - OSRAM GmbH SFH7776 Datasheet HTML 21Page - OSRAM GmbH SFH7776 Datasheet HTML 22Page - OSRAM GmbH SFH7776 Datasheet HTML 23Page - OSRAM GmbH SFH7776 Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
2013-07-09
20
DRAFT - For reference only.
Subject to change without notice.
Version 0.1
SFH 7776
Register
SYSTEM_CONTROL register (0x40h)
The SYSTEM_CONTROL register is used to control the software (SW) reset and the interrupt function
(INT). Manufacturer ID and Part ID can be read.
MODE_CONTROL register (0x41h)
CONTROL of PS and ALS operating modes and time settings.
Repetition time is the time between two separate measurements. Integration time is the duration for one
measurement. ALS high sensitivity modes are 1010 and 1011 with an increased integration time of
400ms. In PS operating mode: „normal mode“ only one PS measurement is performed during one PS
repetition time. In PS operating mode „twice mode“ two independent PS measurement are performed
within one PS repetition time. Both measurements are independent and can trigger the interrupt. This
feature can be used to decrease the interrupt update time if the persistence function (register 0x43h) is
used.
R/W-Register 0x40
Bit
7
6
5
4
3
2
1
0
SW reset
INT reset
Manufacturer
ID
(Read only)
Part ID
(Read only)
default 0 Initial reset is not
started
0 INT pin status is not
initialized
001
001
0 Initial reset is not started 0 INT pin status is not initialized
1 Initial reset started
1 INT pin become inactive
(high impedance )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com