Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12050LAH Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12050LAH
Description  6-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH12050LAH Datasheet(HTML) 22 Page - Texas Instruments

Back Button PTH12050LAH Datasheet HTML 18Page - Texas Instruments PTH12050LAH Datasheet HTML 19Page - Texas Instruments PTH12050LAH Datasheet HTML 20Page - Texas Instruments PTH12050LAH Datasheet HTML 21Page - Texas Instruments PTH12050LAH Datasheet HTML 22Page - Texas Instruments PTH12050LAH Datasheet HTML 23Page - Texas Instruments PTH12050LAH Datasheet HTML 24Page - Texas Instruments PTH12050LAH Datasheet HTML 25Page - Texas Instruments PTH12050LAH Datasheet HTML 26Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
8-Dec-2010
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
PTH12050LAH
ACTIVE
Through-
Hole Module
EUU
6
56
Pb-Free (RoHS)
SN
N / A for Pkg Type
Request Free Samples
PTH12050LAS
ACTIVE
Surface
Mount Module
EUV
6
56
TBD
SNPB
Level-1-235C-UNLIM/
Level-3-260C-168HRS
Request Free Samples
PTH12050LAST
ACTIVE
Surface
Mount Module
EUV
6
250
TBD
SNPB
Level-1-235C-UNLIM/
Level-3-260C-168HRS
Purchase Samples
PTH12050LAZ
ACTIVE
Surface
Mount Module
EUV
6
56
Pb-Free (RoHS)
SNAGCU
Level-3-260C-168 HR
Request Free Samples
PTH12050LAZT
ACTIVE
Surface
Mount Module
EUV
6
250
Pb-Free (RoHS)
SNAGCU
Level-3-260C-168 HR
Purchase Samples
PTH12050WAD
ACTIVE
Through-
Hole Module
EUU
6
56
Pb-Free (RoHS)
SN
Level-1-235C-UNLIM/
Level-3-260C-168HRS
Purchase Samples
PTH12050WAH
ACTIVE
Through-
Hole Module
EUU
6
56
Pb-Free (RoHS)
SN
Level-1-235C-UNLIM/
Level-3-260C-168HRS
Request Free Samples
PTH12050WAS
ACTIVE
Surface
Mount Module
EUV
6
56
TBD
SNPB
Level-1-235C-UNLIM/
Level-3-260C-168HRS
Request Free Samples
PTH12050WAST
ACTIVE
Surface
Mount Module
EUV
6
250
TBD
SNPB
Level-1-235C-UNLIM/
Level-3-260C-168HRS
Purchase Samples
PTH12050WAZ
ACTIVE
Surface
Mount Module
EUV
6
56
Pb-Free (RoHS)
SNAGCU
Level-3-260C-168 HR
Request Free Samples
PTH12050WAZT
ACTIVE
Surface
Mount Module
EUV
6
250
Pb-Free (RoHS)
SNAGCU
Level-3-260C-168 HR
Purchase Samples
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com