Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12050LAH Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12050LAH
Description  6-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH12050LAH Datasheet(HTML) 6 Page - Texas Instruments

Back Button PTH12050LAH Datasheet HTML 2Page - Texas Instruments PTH12050LAH Datasheet HTML 3Page - Texas Instruments PTH12050LAH Datasheet HTML 4Page - Texas Instruments PTH12050LAH Datasheet HTML 5Page - Texas Instruments PTH12050LAH Datasheet HTML 6Page - Texas Instruments PTH12050LAH Datasheet HTML 7Page - Texas Instruments PTH12050LAH Datasheet HTML 8Page - Texas Instruments PTH12050LAH Datasheet HTML 9Page - Texas Instruments PTH12050LAH Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
www.ti.com
PTH12050W TYPICAL CHARACTERISTICS (VI = 12 V)(1)(2)
IO − Output Current − A
0
1
2
3
4
5
6
50
60
70
80
90
10 0
VO = 5 V
VO = 3.3 V
VO = 2.5 V
VO = 2 V
VO = 1.8 V
VO = 1.5 V
VO = 1.2 V
0
20
40
60
80
VOUT = 5 V
VOUT = 3.3 V
VOUT = 2.5 V
VOUT = 2 V
VOUT = 1.8 V
VOUT = 1.5 V
VOUT = 1.2 V
IO − Output Current − A
0
1
2
3
4
5
6
0
1
2
3
4
VOUT = 5 V
VOUT = 3.3 V
VOUT = 2.5 V
VOUT = 2 V
VOUT = 1.8 V
VOUT = 1.5 V
VOUT = 1.2 V
IO − Output Current − A
0
1
2
3
4
5
6
0
30
20
60
40
70
90
80
50
400
200
100
LFM
Natural Convection
200
100
Natural
Convection
V
O= 3.3 V
1
2
3
4
5
6
400
I
O - Output Current - A
0
30
20
1
2
3
4
60
40
70
90
80
50
5
6
400
LFM
Natural Convection
400
200
100
V
O = 5 V
200
100
Natural
Convection
I
O - Output Current - A
PTH12050W/L
SLTS214H – MAY 2003 – REVISED OCTOBER 2007
EFFICIENCY
OUTPUT RIPPLE
POWER DISSIPATION
vs
vs
vs
LOAD CURRENT
LOAD CURRENT
LOAD CURRENT
Figure 1.
Figure 2.
Figure 3.
TEMPERATURE DERATING
TEMPERATURE DERATING
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 4.
Figure 5.
(1)
Characteristic data has been developed from actual products tested at 25
°C. This data is considered typical data for the converter.
Applies to Figure 1, Figure 2, and Figure 3.
(2)
SOA graphs represent the conditions at which internal components are at or below the manufacturer's maximum operating
temperatures. Derating limits apply to modules soldered directly to a 4 inches
× 4 inches double-sided PCB with 1-oz. copper. For
surface mount packages (AS and AZ suffix), multiple vias (plated through holes) are required to add thermal paths around the power
pins. Please refer to the mechanical specification for more information. Applies to Figure 4.
6
Submit Documentation Feedback
Copyright © 2003–2007, Texas Instruments Incorporated
Product Folder Link(s): PTH12050W/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com