Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12050LAH Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12050LAH
Description  6-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH12050LAH Datasheet(HTML) 4 Page - Texas Instruments

  PTH12050LAH Datasheet HTML 1Page - Texas Instruments PTH12050LAH Datasheet HTML 2Page - Texas Instruments PTH12050LAH Datasheet HTML 3Page - Texas Instruments PTH12050LAH Datasheet HTML 4Page - Texas Instruments PTH12050LAH Datasheet HTML 5Page - Texas Instruments PTH12050LAH Datasheet HTML 6Page - Texas Instruments PTH12050LAH Datasheet HTML 7Page - Texas Instruments PTH12050LAH Datasheet HTML 8Page - Texas Instruments PTH12050LAH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PTH12050W/L
SLTS214H – MAY 2003 – REVISED OCTOBER 2007
TA = 25°C; VI = 12 V; VO = 1.8 V; C1 = 100 µF, C2 = 10 µF, C3 = 0 µF, and IO = IO(max) (unless otherwise stated)
PARAMETER
TEST CONDITIONS
PTH12050L
UNIT
MIN
TYP
MAX
85
°C, 400 LFM airflow
0
6
(1)
A
IO
Output current
Over
ΔVadj range
60
°C, natural convection
6
(1)
A
VI
Input voltage range
Over IO range
10.8
13.2
V
VOtol
Set-point voltage tolerance
±2
(2)
%Vo
ΔRegtemp
Temperature variation
–40
°C <T
A < 85°C
±0.5
%Vo
ΔRegline
Line regulation
Over VI range
±5
mV
ΔRegload
Load regulation
Over IO range
±5
mV
ΔRegtot
Total output variation
Includes set-point, line, load, –40
°C ≤ T
A ≤ 85°C
±3
(2)
%Vo
ΔRegadj
Output voltage adjust range
Over VI range
0.8
1.8
V
RSET = 130 Ω, VO = 1.8 V
88%
RSET = 3.57 kΩ, VO = 1.5 V
87%
η
Efficiency
IO = 5 A
RSET = 12.1 kΩ, VO = 1.2 V
85%
RSET = 32.4 kΩ, VO = 1 V
83%
RSET = open circuit, VO = 0.8 V
81%
VO > 1 V
30
Vr
Vo ripple (peak-to-peak)
20-MHz bandwidth
mVpp
VO ≤ 1 V
20
Iotrip
Overcurrent threshold
Reset, followed by auto-recovery
14
A
ttr
1 A/µs load step,
Recovery time
70
µs
Transient response
50 to 100% IO(max),
ΔVtr
VO over/undershoot
100
mV
C3 = 100 µF
IIL track
Track input current (pin 2)
Pin to GND
–0.13
(3)
mA
dVtrack/dt
Track slew rate capability
CO ≤ CO(max)
1
V/ms
VI increasing
9.5
10.4
UVLO
Undervoltage lockout
V
VI decreasing
8.8
9
VIH
Input high voltage, Referenced to GND
Open
(3)
V
VIL
Inhibit control (pin 4)
Input low voltage, Referenced to GND
–0.2
0.5
IIL
Input low current, Pin 4 to GND
0.24
mA
II
Input standby current
Inhibit (pin 4) to GND, Track (pin 2) open
10
mA
f s
Switching frequency
Over VI and IO ranges
200
250
300
kHz
External input capacitance, C1
100
(4)
µF
Nonceramic
0
100
(5)
3300
(6)
Capacitance value
µF
External output capacitance, C3
Ceramic
0
300
Equivalent series resistance (nonceramic)
4
(7)
5.9
MTBF
Reliability
Per Bellcore TR-332 50% stress, TA = 40°C, ground benign
10
6 Hr
(1)
See the Temperature Derating (SOA) curves in the Typical Characteristics section for appropriate derating.
(2)
The set-point voltage tolerance is affected by the tolerance and stability of RSET. The stated limit is unconditionally met if RSET has a
tolerance of 1% with 100 ppm/
°C or better temperature stability.
(3)
This control pin has an internal pull-up to the input voltage VI (7.5 V for pin 2). If it is left open-circuit, the module operates when input
power is applied. A small, low-leakage (<100 nA) MOSFET or open-drain/collector voltage supervisor IC is recommended for control. Do
not place an external pull-up on this pin. For further information, see the related application note.
(4)
A 100 µF electrolytic input capacitor is required for proper operation. The electrolytic capacitor must be rated for a minimum of 750 mA
rms of ripple current. An additional 10 µF ceramic capacitor is required for output voltages 3.3 V and higher. For further information, see
the related application information on capacitor selection.
(5)
An external output capacitor is not required for basic operation. Adding 100 µF of distributed capacitance at the load improves the
transient response.
(6)
This is the calculated maximum. The minimum ESR limitation oftens result in a lower value. When controlling the Track pin using a
voltage supervisor, CO(max) is reduced to 2200 μF. See the application notes for further guidance.
(7)
This is the typical ESR for all the electrolytic (nonceramic) output capacitance. Use 7 m
Ω as the minimum when using max-ESR values
to calculate.
4
Submit Documentation Feedback
Copyright © 2003–2007, Texas Instruments Incorporated
Product Folder Link(s): PTH12050W/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com