Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12050LAH Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12050LAH
Description  6-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH12050LAH Datasheet(HTML) 14 Page - Texas Instruments

Back Button PTH12050LAH Datasheet HTML 10Page - Texas Instruments PTH12050LAH Datasheet HTML 11Page - Texas Instruments PTH12050LAH Datasheet HTML 12Page - Texas Instruments PTH12050LAH Datasheet HTML 13Page - Texas Instruments PTH12050LAH Datasheet HTML 14Page - Texas Instruments PTH12050LAH Datasheet HTML 15Page - Texas Instruments PTH12050LAH Datasheet HTML 16Page - Texas Instruments PTH12050LAH Datasheet HTML 17Page - Texas Instruments PTH12050LAH Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
www.ti.com
Q1VDS (2 V/div)
VO (2 V/div)
II (2 A/div)
t − Time − 40 ms/div
PTH12050W/L
SLTS214H – MAY 2003 – REVISED OCTOBER 2007
Figure 12. Power-Up from Track Control
NOTE:
If a prebias condition is not present, it is highly recommended that the Track control
pin be used for controlled power-up and power-down. If Track control is not used, the
output voltage starts up and overshoots by as much as 10%, before settling at the
output voltage setpoint.
How Auto-Track™ Works
Auto-Track works by forcing the module output voltage to follow a voltage presented at the Track control pin (1).
This control range is limited to between 0 V and the module set-point voltage. Once the track-pin voltage is
raised above the set-point voltage, the module output remains at its set-point (2). As an example, if the Track pin
of a 2.5-V regulator is at 1 V, the regulated output is 1 V. If the voltage at the Track pin rises to 3 V, the regulated
output does not go higher than 2.5 V.
When under Auto-Track control, the regulated output from the module follows the voltage at its Track pin on a
volt-for-volt basis. By connecting the Track pin of a number of these modules together, the output voltages follow
a common signal during power up and power down. The control signal can be an externally generated master
ramp waveform, or the output voltage from another power supply circuit (3). For convenience, the Track input
incorporates an internal RC-charge circuit. This operates off the module input voltage to produce a suitable rising
waveform at power up.
14
Submit Documentation Feedback
Copyright © 2003–2007, Texas Instruments Incorporated
Product Folder Link(s): PTH12050W/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com