Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE032 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 17Page - Texas Instruments AFE032 Datasheet HTML 18Page - Texas Instruments AFE032 Datasheet HTML 19Page - Texas Instruments AFE032 Datasheet HTML 20Page - Texas Instruments AFE032 Datasheet HTML 21Page - Texas Instruments AFE032 Datasheet HTML 22Page - Texas Instruments AFE032 Datasheet HTML 23Page - Texas Instruments AFE032 Datasheet HTML 24Page - Texas Instruments AFE032 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
C =
3
1
2
f
Z
p
3
C
´
´
´
C =
4
1
2
f
Z
p
4
C
´
´
´
L =
3
Z
C
2
f
p
3
´
´
L =
4
Z
C
2
f
p
4
´
´
AFE032
www.ti.com
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
The following steps can be used to quickly design the passive pass-band filter. (Note that these steps produce
an approximate result.)
1. Choose the filter characteristic impedance, ZC:
–
For a –6-db passband attenuation: R3 = R4 = ZC.
–
For a 0-db passband attenuation: R4 = ZC, R3 = 10 × ZC.
2. Calculate values for C3, C4, L3, and L4 using the following equations:
Table 2 and Table 3 show standard values for common applications.
Table 2. Recommended Component Values for Fourth-Order Passive Band-Pass Filters (0-dB Pass-Band
Attenuation)
FREQUENCY
RANGE
CHARACTERISTIC
R4
C3
C4
L3
L4
FREQUENCY BAND
(kHz)
IMPEDANCE
R3
(k
Ω)
(nF)
(nF)
(
μH)
(
μH)
CENELEC A
35 to 95
1 k
Ω
1 k
Ω
10
4.7
1.5
1500
4700
CENELEC B, C, D
95 to 150
1 k
Ω
1 k
Ω
10
1.7
1
1200
1500
SFSK
63 to 74
1 k
Ω
1 k
Ω
10
2.7
2.2
2200
2200
FCC and ARIB
15 to 600
100
Ω
100
Ω
1
100
2.2
27
1000
Table 3. Recommended Component Values for Fourth-Order Passive Band-Pass Filters (–6-dB Pass-
Band Attenuation)
FREQUENCY
RANGE
CHARACTERISTIC
C3
C4
L3
L4
FREQUENCY BAND
(kHz)
IMPEDANCE
R3
R4
(nF)
(nF)
(
μH)
(
μH)
CENELEC A
35 to 95
1 k
Ω
1 k
Ω
1 k
Ω
4.7
1.5
1500
4700
CENELEC B, C, D
95 to 150
1 k
Ω
1 k
Ω
1 k
Ω
1.7
1
1200
1500
SFSK
63 to 74
1 k
Ω
1 k
Ω
1 k
Ω
2.7
2.2
2200
2200
FCC and ARIB
15 to 600
100
Ω
100
Ω
100
Ω
100
2.2
27
1000
Avoid excessive capacitive loading when laying out the printed circuit board (PCB) traces from the inputs or
outputs of the Rx block components. Keeping the PCB capacitance from the inputs to ground, or outputs to
ground, below 100 pF is recommended.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com