Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE032 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 3 Page - Texas Instruments

  AFE032 Datasheet HTML 1Page - Texas Instruments AFE032 Datasheet HTML 2Page - Texas Instruments AFE032 Datasheet HTML 3Page - Texas Instruments AFE032 Datasheet HTML 4Page - Texas Instruments AFE032 Datasheet HTML 5Page - Texas Instruments AFE032 Datasheet HTML 6Page - Texas Instruments AFE032 Datasheet HTML 7Page - Texas Instruments AFE032 Datasheet HTML 8Page - Texas Instruments AFE032 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 77 page
background image
AFE032
www.ti.com
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
ELECTRICAL CHARACTERISTICS: Transmitter
At TCASE = +25°C, VPAVS = 15 V, and VAVDD = VDVDD = 3.3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC
Resolution
12-bit DAC, internal VREF = 0.7 V
165
171
176
µV
DR
Data rate(1)
DAC pin high, 12-bit word
4.8
5.2
MSPS
GE
Gain error
Full-scale range, TJ = –40°C to +125°C
–2%
±0.5%
2%
DAC OUTPUT
RO
Output resistance
G = 1, f = 100 kHz
1
k
Ω
TX_PGA INPUT
(AGND +
(AVDD – 0.15) /
Input voltage range
0.15) /
V
gain
gain
G = 1.15 V/V
52
k
Ω
G = 2.3 V/V
34
k
Ω
RI
Input resistance
G = 3.25 V/V
26
k
Ω
G = 4.6 V/V
20
k
Ω
G
Gain
1.15, 2.3, 3.25, 4.6(2)
V/V
Includes DAC, programmable filter,
GE
Gain error
–2%
±0.1%
2%
and TX_PGA for all gains, TJ = –40°C to +125°C
Includes DAC, programmable filter,
Gain error drift
–10
±3
+10
ppm/°C
and TX_PGA for all gains, TJ = –40°C to +125°C
TX_PGA FREQUENCY RESPONSE
CL = 20 pF, G = 1.15 V/V,
30
MHz
TJ = –40°C to +125°C
CL = 20 pF, G = 2.3 V/V,
21.5
MHz
TJ = –40°C to +125°C
BW
Bandwidth(3)
CL = 20 pF, G = 3.25 V/V,
17.5
MHz
TJ = –40°C to +125°C
CL = 20 pF, G = 4.6 V/V,
15.5
MHz
TJ = –40°C to +125°C
TX PATH TRANSMITTER NOISE(4)
CEN-A
35 kHz to 95 kHz
370
µVRMS
CEN-B
95 kHz to 125 kHz
220
µVRMS
CEN-C
125 kHz to 140 kHz
160
µVRMS
Integrated noise
CEN-D
140 kHz to 148 kHz
98
µVRMS
at PA output(5)
ARIB STD-T84
35 kHz to 420 kHz
640
µVRMS
FCC-LOW
35 kHz to 125 kHz
384
µVRMS
G3-FCC
150 kHz to 490 kHz
565
µVRMS
POWER AMPLIFIER (PA) INPUT
(PA_GND
(PA_VS – 0.4) /
Input voltage range
For linear operation
+ 0.4) /
V
gain
gain
Input impedance
17
k
Ω
PA FREQUENCY RESPONSE
BW
Bandwidth
ILOAD = 0 mA
3.4
3.82
4.23
MHz
SR
Slew rate
PA_VS = 24 V, 20-V step
75
V/µs
Full-power bandwidth
PA_VS = 24 V, VOUT = 20 VPP
1
MHz
PSRR
Power-supply rejection ratio
RTI, dc to f = 50 kHz
80
94
dB
(1)
Refer to the Application Information section.
(2)
This parameter is from DAC_OUT to TX_F_OUT. This parameter includes the LPF gain error and is the dc gain. Adding LPF causes
some loss of gain flatness.
(3)
This parameter is internal to the device. Bandwidth is designed and simulated over corners to ensure a low-distortion PGA in the
application.
(4)
Includes the DAC, programmable filter, TX_PGA, and PA noise-reducing capacitor = 1 nF from DAC_NRF to ground, PA_NRF to
ground, and TX_RF_NRF to ground.
(5)
Includes the DAC, TX_PGA (gain = 4.6), LPF, and PA.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com