Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE032 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 3Page - Texas Instruments AFE032 Datasheet HTML 4Page - Texas Instruments AFE032 Datasheet HTML 5Page - Texas Instruments AFE032 Datasheet HTML 6Page - Texas Instruments AFE032 Datasheet HTML 7Page - Texas Instruments AFE032 Datasheet HTML 8Page - Texas Instruments AFE032 Datasheet HTML 9Page - Texas Instruments AFE032 Datasheet HTML 10Page - Texas Instruments AFE032 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 77 page
background image
AFE032
www.ti.com
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
ELECTRICAL CHARACTERISTICS: Receiver (continued)
At TCASE = +25°C, VPAVS = 15 V, and VAVDD = VDVDD = 3.3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Rx_PGA2 GAIN
G
Gain
1, 4, 16
V/V
GE
Gain error
For all gains, TJ = –40°C to +125°C
–2%
2%
Gain error drift
TJ = –40°C to +125°C
±100
ppm/°C
RX_PGA2 FREQUENCY RESPONSE
CL = 20 pF, G = 1 V/V
6.73
MHz
BW
Bandwidth
CL = 20 pF, G = 4 V/V
5
MHz
CL = 20 pF, G = 16 V/V
3
MHz
RX_PGA2 OUTPUT
Output resistance
G = 1, f = 100 kHz
1
k
Ω
RX PATH SENSITIVITY(1)
CEN-A
35 kHz to 95 kHz
10
µVRMS
CEN-B
95 kHz to 125 kHz
5
µVRMS
CEN-C
125 kHz to 140 kHz
3
µVRMS
Input-referred
CEN-D
140 kHz to 148 kHz
2
µVRMS
integrated noise
ARIB STD-T84
35kHz to 400 kHz
12
µVRMS
FCC-LOW
35 kHz to 125 kHz
11
µVRMS
G3-FCC
150 kHz to 490 kHz
10
µVRMS
(1)
Noise-reducing capacitor = 1 nF from TX_RX_NRF to ground, RX_PGA1 = 32, and RX_PGA2 = 1.
ELECTRICAL CHARACTERISTICS: Noise-Reducing Filters
At TCASE = +25°C, VPAVS = 15 V, and VAVDD = VDVDD = 3.3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PA_NRF
Bias voltage
VPAV S / 2
V
ROUT
Output resistance
4
k
Ω
Noise-reducing capacitor = 1 nF from
tON
Turn-on time
250
ms
PA_NRF to ground
tOFF
Turn-off time
10
µs
TX_RX_NRF
Bias voltage
VAVDD / 2
V
ROUT
Output resistance
1
k
Ω
Noise-reducing capacitor = 1 nF from
tON
Turn-on time
10
µs
TX_RX_NRF to ground
tOFF
Turn-off time
10
µs
DAC_NRF
Bias voltage
VAVDD / 4.7
V
ROUT
Output resistance
1
k
Ω
Noise-reducing capacitor = 1 nF from
tON
Turn-on time
10
µs
DAC_NRF to ground
tOFF
Turn-off time
10
µs
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com