Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE032 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 2Page - Texas Instruments AFE032 Datasheet HTML 3Page - Texas Instruments AFE032 Datasheet HTML 4Page - Texas Instruments AFE032 Datasheet HTML 5Page - Texas Instruments AFE032 Datasheet HTML 6Page - Texas Instruments AFE032 Datasheet HTML 7Page - Texas Instruments AFE032 Datasheet HTML 8Page - Texas Instruments AFE032 Datasheet HTML 9Page - Texas Instruments AFE032 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 77 page
background image
AFE032
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS: Receiver
At TCASE = +25°C, VPAVS = 15 V, and VAVDD = VDVDD = 3.3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RX_PGA1 INPUT
(AGND +
(AVDD – 0.15) /
Input voltage range
For linear operation
0.15) /
V
gain
gain
G = 0.125 V/V
111.1
k
Ω
G = 0.25 V/V
100
k
Ω
G = 0.5 V/V
133
k
Ω
G = 1 V/V
100
k
Ω
RI
Input resistance
G = 2 V/V
66
k
Ω
G = 4 V/V
40
k
Ω
G = 8 V/V
22
k
Ω
G = 16 V/V
12
k
Ω
G = 32 V/V
6
k
Ω
RX_PGA1 GAIN
0.125, 0.25, 0.5,
DC gain
V/V
1, 2, 4, 8, 16, 32
GE
Gain error
For all gains, TJ = –40°C to +125°C
–5%
5%
Gain error drift
TJ = –40°C to +125°C
±100
ppm/°C
RX_PGA1 FREQUENCY RESPONSE
CL = 20 pF, G = 0.125 V/V
47
MHz
CL = 20 pF, G = 0.25 V/V
18
MHz
CL = 20 pF, G = 0.5 V/V
6
MHz
CL = 20 pF, G = 1 V/V
4
MHz
BW
Bandwidth
CL = 20 pF, G = 2 V/V
3
MHz
CL = 20 pF, G = 4 V/V
2.5
MHz
CL = 20 pF, G = 8 V/V
2.1
MHz
CL = 20pF, G = 16 V/V
1.85
MHz
CL = 20 pF, G = 32 V/V
1.55
MHz
RX_PGA2 INPUT
(AVDD –
(AGND + 0.15) /
Input voltage range
For linear operation
0.15)/
V
gain
gain
G = 1 V/V
54
k
Ω
RI
Input resistance
G = 4 V/V
21
k
Ω
G = 16 V/V
5.5
k
Ω
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com