Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV8080LP Datasheet(PDF) 6 Page - ON Semiconductor

Part # LV8080LP
Description  Two channels Constant-current H-bridge Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV8080LP Datasheet(HTML) 6 Page - ON Semiconductor

  LV8080LP Datasheet HTML 1Page - ON Semiconductor LV8080LP Datasheet HTML 2Page - ON Semiconductor LV8080LP Datasheet HTML 3Page - ON Semiconductor LV8080LP Datasheet HTML 4Page - ON Semiconductor LV8080LP Datasheet HTML 5Page - ON Semiconductor LV8080LP Datasheet HTML 6Page - ON Semiconductor LV8080LP Datasheet HTML 7Page - ON Semiconductor LV8080LP Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LV8080LP
No.A0649-6/8
Photosensor Position Detection Application Circuit Example
(a) Application circuit
(b) Timing chart
VCC
VCC
CONT
COMPIN
1.00V
Hysteresis : 0.2 V
Microcontroller
power supply
Transistor drive region
COMPOUT
PI/PR
COMPIN
VCC
COMPOUT
10k
Ω
Tr
IC peripheral circuits : Position sensor block
Sensor power supply
Microcontroller
power supply
IC internal circuits :
Position detection circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com