Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV8080LP Datasheet(PDF) 4 Page - ON Semiconductor

Part # LV8080LP
Description  Two channels Constant-current H-bridge Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV8080LP Datasheet(HTML) 4 Page - ON Semiconductor

  LV8080LP Datasheet HTML 1Page - ON Semiconductor LV8080LP Datasheet HTML 2Page - ON Semiconductor LV8080LP Datasheet HTML 3Page - ON Semiconductor LV8080LP Datasheet HTML 4Page - ON Semiconductor LV8080LP Datasheet HTML 5Page - ON Semiconductor LV8080LP Datasheet HTML 6Page - ON Semiconductor LV8080LP Datasheet HTML 7Page - ON Semiconductor LV8080LP Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LV8080LP
No.A0649-4/8
Pin Description
Pin No.
Pin Name
Description
Equivalent Circuit
1
2
3
4
5
16
OUT1
OUT2
OUT3
OUT4
RFG2
RFG1
1-4 : Output pins
H-bridge type output pins
Pins 1 and 2 are paired and pins 3 and 4 are paired.
5, 16 : Current sensing resistor connection pins
Connect the current sensing resistor between these
pins and ground to detect the output currents for
constant current control.
Pin 16 corresponds to the output from pins 1 and 2 and
pin 5 to the output from pins 1 and 2.
-
+
10k
Ω
0.1V
VCC
1
5
2
6
7
8
9
10
IN3
IN4
IN1
IN2
CONT
Logic input pins
10k
Ω
200k
Ω
VCC
GND
6
11
GND
Ground
12
COMPIN
Photo reflector position sensing comparator input
VCC
1k
Ω
GND
12
13
COMPOUT
Photo reflector position sensing comparator output
This pin serves as an open-collector output of the NPN
transistor.
1k
Ω
GND
13
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com