Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV8080LP Datasheet(PDF) 3 Page - ON Semiconductor

Part # LV8080LP
Description  Two channels Constant-current H-bridge Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV8080LP Datasheet(HTML) 3 Page - ON Semiconductor

  LV8080LP Datasheet HTML 1Page - ON Semiconductor LV8080LP Datasheet HTML 2Page - ON Semiconductor LV8080LP Datasheet HTML 3Page - ON Semiconductor LV8080LP Datasheet HTML 4Page - ON Semiconductor LV8080LP Datasheet HTML 5Page - ON Semiconductor LV8080LP Datasheet HTML 6Page - ON Semiconductor LV8080LP Datasheet HTML 7Page - ON Semiconductor LV8080LP Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LV8080LP
No.A0649-3/8
Block Diagram
Constant-current calculation : IOUT = 0.1 ÷ RF Example : When an IOUT of 100mA is required, RF must be 1Ω.
Usage Notes
The constant current is set by the resource RF connected between RFG and ground according to the formula shown
above.
Truth Table
Input
Output
IN1
IN2
IN3
IN4
OUT1
OUT2
OUT3
OUT4
Mode
Low
Low
Low
Low
Off
Off
Off
Off
Standby mode
Low
High
Low
High
Channel 1, reverse
High
Low
High
Low
Channel 1, forward
High
High
-
-
Low
Low
Off
Off
Channel 1, brake mode
Low
High
Low
High
Channel 2, reverse
High
Low
High
Low
Channel 2, forward
-
-
High
High
Off
Off
Low
Low
Channel 2, brake mode
Note : The "-" input unstable state. When off, a high-impedance state.
• The ENA goes to the standby state with a low-level input, and to the operating state with a high-level input.
• The control input switches the forward/reverse mode.
VCC
0.1V
RFG2
IN1
IN2
IN3
IN4
LVS
TSD
VM
PI/PR
RFG1
CONT
STM
1.0V
COMPOUT
COMPIN
GND
L
O
G
I
C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com