Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV8080LP Datasheet(PDF) 2 Page - ON Semiconductor

Part # LV8080LP
Description  Two channels Constant-current H-bridge Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV8080LP Datasheet(HTML) 2 Page - ON Semiconductor

  LV8080LP Datasheet HTML 1Page - ON Semiconductor LV8080LP Datasheet HTML 2Page - ON Semiconductor LV8080LP Datasheet HTML 3Page - ON Semiconductor LV8080LP Datasheet HTML 4Page - ON Semiconductor LV8080LP Datasheet HTML 5Page - ON Semiconductor LV8080LP Datasheet HTML 6Page - ON Semiconductor LV8080LP Datasheet HTML 7Page - ON Semiconductor LV8080LP Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LV8080LP
No.A0649-2/8
Allowable Operating Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
2.5 to 6.0
V
High-level input voltage
VIH
0.6VCC or more
V
Low-level input voltage
VIL
CONT, IN
Up to 0.2VCC
V
Electrical Characteristics at Ta = 25°C, VCC = 3.0V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
ICCO
EN = 0V
0.1
1
μA
Current drain
ICCO1
EN = 3V
0.7
1
mA
Ron1
VCC = 3.0V (High and low side total)
EN = 3.0V, IOUT = 100mA
2.0
3.0
Ω
Output on resistance
Ron2
VCC = 5.0V (High and low side total)
EN = 5.0V, IOUT = 100mA
1.50
2.0
Ω
Constant-current output 1
IOUT1
Between RFG and ground : 1
Ω
95
100
105
mA
Constant-current output 2
IOUT2
Between RFG and ground : 0.5
Ω
(Design specification)
190
200
210
mA
Output turn-on time
Traise
With RFG1 and RFG2 shorted to ground
(Design specification)
1.3
3
μs
Output turn-off time
Tfall
With RFG1 and RFG2 shorted to ground
(Design specification)
0.25
0.65
μs
Position detection voltage
(high level)
VH
1.0
1.06
V
Position detection voltage
(low level)
VL
0.74
0.8
V
Detection voltage hysteresis
HYS
0.165
0.18
0.195
V
PI/PR pin current
IPI/PR
20
mA
Input current
IIN
VIN = 3V
15
30
μA
Note : The design specification items are design guarantees and are not measured.
Package Dimensions
Pin Assignment
unit : mm (typ)
(VCT16)
3318
2.6
0.25
SIDE VIEW
SIDE VIEW
BOTTOM VIEW
TOP VIEW
LASER MARKED
INDEX
0.5
(0.55)
(C0.116)
(0.125)
1
2
SANYO : VCT16(2.6X2.6)
RFG1
OUT1
OUT2
OUT3
OUT4
IN2
CONT
GND
COMPIN
PI/PR
(Top View)
1
16
15
14
13
5
6
7
8
2
3
4
12
11
10
9
RFG2
IN3
IN4
IN1
VCC
COMPOUT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com