Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F636ESS Datasheet(PDF) 218 Page - Microchip Technology

Part # PIC16F636ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636ESS Datasheet(HTML) 218 Page - Microchip Technology

Back Button PIC16F636ESS Datasheet HTML 214Page - Microchip Technology PIC16F636ESS Datasheet HTML 215Page - Microchip Technology PIC16F636ESS Datasheet HTML 216Page - Microchip Technology PIC16F636ESS Datasheet HTML 217Page - Microchip Technology PIC16F636ESS Datasheet HTML 218Page - Microchip Technology PIC16F636ESS Datasheet HTML 219Page - Microchip Technology PIC16F636ESS Datasheet HTML 220Page - Microchip Technology PIC16F636ESS Datasheet HTML 221Page - Microchip Technology PIC16F636ESS Datasheet HTML 222Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 216
© 2007 Microchip Technology Inc.
8-Lead Plastic Dual Flat, No Lead Package (MF) – 6x5 mm Body [DFN-S]
Notes:
1. Pin 1 visual index feature may vary, but must be located within the hatched area.
2. Package may have one or more exposed tie bars at ends.
3. Package is saw singulated.
4. Dimensioning and tolerancing per ASME Y14.5M.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information purposes only.
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Units
MILLIMETERS
Dimension Limits
MIN
NOM
MAX
Number of Pins
N
8
Pitch
e
1.27 BSC
Overall Height
A
0.80
0.85
1.00
Standoff
A1
0.00
0.01
0.05
Contact Thickness
A3
0.20 REF
Overall Length
D
5.00 BSC
Overall Width
E
6.00 BSC
Exposed Pad Length
D2
3.90
4.00
4.10
Exposed Pad Width
E2
2.20
2.30
2.40
Contact Width
b
0.35
0.40
0.48
Contact Length
L
0.50
0.60
0.75
Contact-to-Exposed Pad
K
0.20
–
–
NOTE 2
A1
A
A3
NOTE 1
12
E
N
D
EXPOSED PAD
NOTE 1
2
1
E2
L
N
e
b
K
BOTTOM VIEW
TOP VIEW
D2
Microchip Technology Drawing C04-122B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com