Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F636ESS Datasheet(PDF) 83 Page - Microchip Technology

Part # PIC16F636ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636ESS Datasheet(HTML) 83 Page - Microchip Technology

Back Button PIC16F636ESS Datasheet HTML 79Page - Microchip Technology PIC16F636ESS Datasheet HTML 80Page - Microchip Technology PIC16F636ESS Datasheet HTML 81Page - Microchip Technology PIC16F636ESS Datasheet HTML 82Page - Microchip Technology PIC16F636ESS Datasheet HTML 83Page - Microchip Technology PIC16F636ESS Datasheet HTML 84Page - Microchip Technology PIC16F636ESS Datasheet HTML 85Page - Microchip Technology PIC16F636ESS Datasheet HTML 86Page - Microchip Technology PIC16F636ESS Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 81
PIC12F635/PIC16F636/639
7.9
Comparator Gating Timer1
This feature can be used to time the duration or inter-
val of analog events. Clearing the T1GSS bit of the
CMCON1 register will enable Timer1 to increment
based on the output of the comparator (or Comparator
C2 for PIC16F636/639). This requires that Timer1 is
on and gating is enabled. See Section 6.0 “Timer1
Module with Gate Control” for details.
It is recommended to synchronize the comparator with
Timer1 by setting the CxSYNC bit when the comparator
is used as the Timer1 gate source. This ensures Timer1
does not miss an increment if the comparator changes
during an increment.
7.10
Synchronizing Comparator Output
to Timer1
The comparator (or Comparator C2 for PIC16F636/639)
output can be synchronized with Timer1 by setting the
CxSYNC bit of the CMCON1 register. When enabled,
the comparator output is latched on the falling edge of
the Timer1 clock source. If a prescaler is used with
Timer1, the comparator output is latched after the
prescaling function. To prevent a race condition, the
comparator output is latched on the falling edge of the
Timer1 clock source and Timer1 increments on the rising
edge of its clock source. See the Comparator Block
Diagram (Figure 7-2) and the Timer1 Block Diagram
(Figure 6-1) for more information.
Note:
References to the comparator in this
section
specifically
are
referring
to
Comparator C2 on the PIC16F636/639.
Note:
References to the comparator in this
section
specifically
are
referring
to
Comparator C2 on the PIC16F636/639.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com