Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F636ESS Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC16F636ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636ESS Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC16F636ESS Datasheet HTML 9Page - Microchip Technology PIC16F636ESS Datasheet HTML 10Page - Microchip Technology PIC16F636ESS Datasheet HTML 11Page - Microchip Technology PIC16F636ESS Datasheet HTML 12Page - Microchip Technology PIC16F636ESS Datasheet HTML 13Page - Microchip Technology PIC16F636ESS Datasheet HTML 14Page - Microchip Technology PIC16F636ESS Datasheet HTML 15Page - Microchip Technology PIC16F636ESS Datasheet HTML 16Page - Microchip Technology PIC16F636ESS Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 11
PIC12F635/PIC16F636/639
FIGURE 1-3:
PIC16F639 BLOCK DIAGRAM
Flash
Program
Memory
13
Data Bus
8
14
Program
Bus
Instruction Reg
Program Counter
RAM
File
Registers
Direct Addr
7
RAM Addr (1)
9
Addr MUX
Indirect
Addr
FSR Reg
STATUS Reg
MUX
ALU
W Reg
8
8
8
3
8-level Stack
128
2K x 14
bytes
(13-bit)
Timer0
Timer1
DATA
EEPROM
256 bytes
EEDAT
EEADDR
T0CKI
Configuration
KEELOQ Module
2 Analog
Comparators
and Reference
C1IN- C1IN+ C1OUT C2IN- C2IN+ C2OUT
PORTC
RC0
RC1
RC2
RC3
RC4
RC5
PORTA
RA0
RA1
RA2
RA3
RA4
RA5
VDDT
LCX
VSST
LCCOM
LCY
LCZ
125 kHz
(AFE)
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
MCLR VDD
Brown-out
Reset
VSS
Programmable
Low-voltage Detect
Wake-up
Reset
Analog Front-End
Instruction
Decode and
Control
Timing
Generation
OSC1/CLKIN
OSC2/CLKOUT
31 kHz
Oscillator
Internal
8 MHz
Oscillator
Internal
T1CKI
T1G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com