Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F636ESS Datasheet(PDF) 90 Page - Microchip Technology

Part # PIC16F636ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636ESS Datasheet(HTML) 90 Page - Microchip Technology

Back Button PIC16F636ESS Datasheet HTML 86Page - Microchip Technology PIC16F636ESS Datasheet HTML 87Page - Microchip Technology PIC16F636ESS Datasheet HTML 88Page - Microchip Technology PIC16F636ESS Datasheet HTML 89Page - Microchip Technology PIC16F636ESS Datasheet HTML 90Page - Microchip Technology PIC16F636ESS Datasheet HTML 91Page - Microchip Technology PIC16F636ESS Datasheet HTML 92Page - Microchip Technology PIC16F636ESS Datasheet HTML 93Page - Microchip Technology PIC16F636ESS Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 88
© 2007 Microchip Technology Inc.
8.1
PLVD Operation
To setup the PLVD for operation, the following steps
must be taken:
• Enable the module by setting the LVDEN bit of the
LVDCON register.
• Configure the trip point by setting the LVDL<2:0>
bits of the LVDCON register.
• Wait for the reference voltage to become stable.
Refer to Section 8.4 “Stable Reference
Indication”.
• Clear the LVDIF bit of the PIRx register.
The LVDIF bit will be set when VDD falls below the
PLVD trip point. The LVDIF bit remains set until cleared
by software. Refer to Figure 8-2.
8.2
Programmable Trip Point
The PLVD trip point is selectable from one of eight
voltage levels. The LVDL bits of the LVDCON register
select the trip point. Refer to Register 8-1 for the
available PLVD trip points.
8.3
Interrupt on Falling VDD
When VDD falls below the PLVD trip point, the falling
edge detector will set the LVDIF bit. See Figure 8-2. An
interrupt will be generated if the following bits are also
set:
• GIE and PEIE bits of the INTCON register
• LVDIE bit of the PIEx register
The LVDIF bit must be cleared by software. An interrupt
can be generated from a simulated PLVD event when
the LVDIF bit is set by software.
8.4
Stable Reference Indication
When the PLVD module is enabled, the reference volt-
age must be allowed to stabilize before the PLVD will
provide a valid result. Refer to Electrical Section,
PLVD Characteristics for the stabilization time.
When the HFINTOSC is running, the IRVST bit of the
LVDCON register indicates the stability of the voltage
reference. The voltage reference is stable when the
IRVST bit is set.
8.5
Operation During Sleep
To wake from Sleep, set the LVDIE bit of the PIEx
register and the PEIE bit of the INTCON register. When
the LVDIE and PEIE bits are set, the device will wake
from Sleep and execute the next instruction. If the GIE
bit is also set, the program will call the Interrupt Service
Routine upon completion of the first instruction after
waking from Sleep.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com