Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F636ESS Datasheet(PDF) 24 Page - Microchip Technology

Part # PIC16F636ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636ESS Datasheet(HTML) 24 Page - Microchip Technology

Back Button PIC16F636ESS Datasheet HTML 20Page - Microchip Technology PIC16F636ESS Datasheet HTML 21Page - Microchip Technology PIC16F636ESS Datasheet HTML 22Page - Microchip Technology PIC16F636ESS Datasheet HTML 23Page - Microchip Technology PIC16F636ESS Datasheet HTML 24Page - Microchip Technology PIC16F636ESS Datasheet HTML 25Page - Microchip Technology PIC16F636ESS Datasheet HTML 26Page - Microchip Technology PIC16F636ESS Datasheet HTML 27Page - Microchip Technology PIC16F636ESS Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 22
© 2007 Microchip Technology Inc.
TABLE 2-2:
PIC12F635 SPECIAL FUNCTION REGISTERS SUMMARY BANK 1
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR/BOR/
WUR
Page
Bank 1
80h
INDF
Addressing this location uses contents of FSR to address data memory
(not a physical register)
xxxx xxxx
32,137
81h
OPTION_REG
RAPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
63,137
82h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
32,137
83h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
26,137
84h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
32,137
85h
TRISIO
—
—
TRISIO5
TRISIO4 TRISIO3 TRISIO2
TRISIO1
TRISIO0 --11 1111 --11 1111
86h
—
Unimplemented
—
—
87h
—
Unimplemented
—
—
88h
—
Unimplemented
—
—
89h
—
Unimplemented
—
—
8Ah
PCLATH
—
—
—
Write Buffer for upper 5 bits of Program Counter
---0 0000
32,137
8Bh
INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF(3)
0000 000x
28,137
8Ch
PIE1
EEIE
LVDIE
CRIE
—C1IE
OSFIE
—TMR1IE 000- 00-0
29,137
8Dh
—
Unimplemented
—
—
8Eh
PCON
—
—
ULPWUE SBOREN
WUR
—POR
BOR
--01 q-qq
31,137
8Fh
OSCCON
—
IRCF2
IRCF1
IRCF0
OSTS
HTS
LTS
SCS
-110 q000
36,137
90h
OSCTUNE
—
—
—
TUN4
TUN3
TUN2
TUN1
TUN0
---0 0000
40,137
91h
—
Unimplemented
—
—
92h
—
Unimplemented
—
—
93h
—
Unimplemented
—
—
94h
LVDCON
—
—IRVST
LVDEN
—
LVDL2
LVDL1
LVDL0
--00 -000 --00 -000
95h
WPUDA(2)
—
—
WPUDA5 WPUDA4
—
WPUDA2 WPUDA1 WPUDA0 --11 -111 --11 -111
96h
IOCA
—
—
IOCA5
IOCA4
IOCA3
IOCA2
IOCA1
IOCA0
--00 0000 --00 0000
97h
WDA(2)
—
—
WDA5
WDA4
—
WDA2WDA1WDA0
--11 -111 --11 -111
9Bh
—
Unimplemented
—
—
99h
VRCON
VREN
—VRR
—VR3
VR2
VR1
VR0
0-0- 0000 0-0- 0000
9Ah
EEDAT
EEDAT7 EEDAT6
EEDAT5
EEDAT4 EEDAT3 EEDAT2
EEDAT1
EEDAT0 0000 0000 0000 0000
9Bh
EEADR
EEADR7 EEADR6 EEADR5 EEADR4 EEADR3 EEADR2 EEADR1 EEADR0 0000 0000 0000 0000
9Ch
EECON1
—
—
—
—
WRERR
WREN
WR
RD
---- x000 ---- q000
9Dh
EECON2
EEPROM Control Register 2 (not a physical register)
---- ---- ---- ----
9Eh
—
Unimplemented
—
—
9Fh
—
Unimplemented
—
—
Legend:
– = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition,
shaded = unimplemented
Note
1:
Other (non Power-up) Resets include MCLR Reset and Watchdog Timer Reset during normal operation.
2:
GP3 pull-up is enabled when pin is configured as MCLR in the Configuration Word register.
3:
MCLR and WDT Reset do not affect the previous value data latch. The RAIF bit will be cleared upon Reset, but will set
again if the mismatch exists.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com