Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F636ESS Datasheet(PDF) 170 Page - Microchip Technology

Part # PIC16F636ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636ESS Datasheet(HTML) 170 Page - Microchip Technology

Back Button PIC16F636ESS Datasheet HTML 166Page - Microchip Technology PIC16F636ESS Datasheet HTML 167Page - Microchip Technology PIC16F636ESS Datasheet HTML 168Page - Microchip Technology PIC16F636ESS Datasheet HTML 169Page - Microchip Technology PIC16F636ESS Datasheet HTML 170Page - Microchip Technology PIC16F636ESS Datasheet HTML 171Page - Microchip Technology PIC16F636ESS Datasheet HTML 172Page - Microchip Technology PIC16F636ESS Datasheet HTML 173Page - Microchip Technology PIC16F636ESS Datasheet HTML 174Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 168
© 2007 Microchip Technology Inc.
D020
IPD
Power-down Base
Current(4)
—0.15
1.2
μA
2.0
WDT, BOR,
Comparators, VREF
and T1OSC disabled
—0.20
1.5
μA3.0
—
0.35
1.8
μA5.0
D021
—
1.0
2.2
μA
2.0
WDT Current(1)
—2.0
4.0
μA3.0
—3.0
7.0
μA5.0
D022A
—
58
60
μA
3.0
BOR Current(1)
—109
122
μA5.0
D022B
—
22
28
μA
2.0
PLVD Current
—25
35
μA3.0
—33
45
μA5.0
D023
—
32
45
μA
2.0
Comparator Current(3)
—60
78
μA3.0
—120
160
μA5.0
D024A
—
30
36
μA2.0
CVREF Current(1)
(high-range)
—45
55
μA3.0
—75
95
μA5.0
D024B
—
39
47
μA2.0
CVREF Current(1)
(low-range)
—59
72
μA3.0
—98
124
μA5.0
D025
—
4.5
7.0
μA
2.0
T1OSC Current(3)
—5.0
8.0
μA3.0
—6.0
12
μA5.0
15.2
DC Characteristics: PIC12F635/PIC16F636-I (Industrial) (Continued)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
Param
No.
Sym
Device Characteristics
Min
Typ†
Max
Units
Conditions
VDD
Note
† Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
The test conditions for all IDD measurements in Active Operation mode are: OSC1 = external square
wave, from rail-to-rail; all I/O pins tri-stated, pulled to VDD; MCLR = VDD; WDT disabled. MCU only, Analog
Front-End not included.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O
pin loading and switching rate, oscillator type, internal code execution pattern and temperature, also have
an impact on the current consumption. MCU only, Analog Front-End not included.
3:
The peripheral current is the sum of the base IDD or IPD and the additional current consumed when this
peripheral is enabled. The peripheral
Δ current can be determined by subtracting the base IDD or IPD
current from this limit. Max values should be used when calculating total current consumption.
4:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is
measured with the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com