Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F636ESS Datasheet(PDF) 182 Page - Microchip Technology

Part # PIC16F636ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636ESS Datasheet(HTML) 182 Page - Microchip Technology

Back Button PIC16F636ESS Datasheet HTML 178Page - Microchip Technology PIC16F636ESS Datasheet HTML 179Page - Microchip Technology PIC16F636ESS Datasheet HTML 180Page - Microchip Technology PIC16F636ESS Datasheet HTML 181Page - Microchip Technology PIC16F636ESS Datasheet HTML 182Page - Microchip Technology PIC16F636ESS Datasheet HTML 183Page - Microchip Technology PIC16F636ESS Datasheet HTML 184Page - Microchip Technology PIC16F636ESS Datasheet HTML 185Page - Microchip Technology PIC16F636ESS Datasheet HTML 186Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 180
© 2007 Microchip Technology Inc.
TABLE 15-2:
OSCILLATOR PARAMETERS
Standard Operating Conditions (unless otherwise stated)
Operating Temperature
-40°C
≤ TA ≤ +125°C
Param
No.
Sym
Characteristic
Freq
Tolerance
Min
Typ†
Max
Units
Conditions
OS06
TWARM
Internal Oscillator Switch
when running(3)
——
—
2
TOSC
Slowest clock
OS07
TSC
Fail-Safe Sample Clock
Period(1)
—
—
21
—
ms
LFINTOSC/64
OS08
HFOSC
Internal Calibrated
HFINTOSC Frequency(2)
±1%
7.92
8.0
8.08
MHz
VDD = 3.5V, 25°C
±2%
7.84
8.0
8.16
MHz
2.5V
≤ VDD ≤ 5.5V,
0°C
≤ TA ≤ +85°C
±5%
7.60
8.0
8.40
MHz
2.0V
≤ VDD ≤ 5.5V,
-40°C
≤ TA ≤ +85°C (Ind.),
-40°C
≤ TA ≤ +125°C (Ext.)
OS09*
LFOSC
Internal Uncalibrated
LFINTOSC Frequency
—
153145
kHz
OS10*
TIOSCST
HFINTOSC Oscillator
Wake-up from Sleep
Start-up Time
—
5.5
12
24
μsVDD = 2.0V, -40°C to +85°C
—3.5
7
14
μsVDD = 3.0V, -40°C to +85°C
—3
6
11
μsVDD = 5.0V, -40°C to +85°C
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1:
Instruction cycle period (TCY) equals four times the input oscillator time base period. All specified values are
based on characterization data for that particular oscillator type under standard operating conditions with the
device executing code. Exceeding these specified limits may result in an unstable oscillator operation and/or
higher than expected current consumption. All devices are tested to operate at “min” values with an external
clock applied to the OSC1 pin. When an external clock input is used, the “max” cycle time limit is “DC” (no clock)
for all devices.
2:
To ensure these oscillator frequency tolerances, VDD and VSS must be capacitively decoupled as close to the
device as possible. 0.1
μF and 0.01 μF values in parallel are recommended.
3:
By design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com