Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ30Z554DBTR-R1 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # BQ30Z554DBTR-R1
Description  2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ30Z554DBTR-R1 Datasheet(HTML) 20 Page - Texas Instruments

Back Button BQ30Z554DBTR-R1 Datasheet HTML 16Page - Texas Instruments BQ30Z554DBTR-R1 Datasheet HTML 17Page - Texas Instruments BQ30Z554DBTR-R1 Datasheet HTML 18Page - Texas Instruments BQ30Z554DBTR-R1 Datasheet HTML 19Page - Texas Instruments BQ30Z554DBTR-R1 Datasheet HTML 20Page - Texas Instruments BQ30Z554DBTR-R1 Datasheet HTML 21Page - Texas Instruments BQ30Z554DBTR-R1 Datasheet HTML 22Page - Texas Instruments BQ30Z554DBTR-R1 Datasheet HTML 23Page - Texas Instruments BQ30Z554DBTR-R1 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
bq30z554-R1
SLUSBD4 – OCTOBER 2013
www.ti.com
Authentication
•
The bq30z554-R1 supports authentication by the host using SHA-1.
•
SHA-1 authentication by the gas gauge is required for unsealing and full access.
Power Modes
The bq30z554-R1 supports five power modes to reduce power consumption:
•
In NORMAL mode, the bq30z554-R1 performs measurements, calculations, protection decisions, and data
updates in 0.25-s intervals. Between these intervals, the bq30z554-R1 is in a reduced power stage. In
addition, the device will provide information for peak TURBO mode power operation.
•
The bq30z554-R1 supports a TURBO mode operation by providing information to the host MCU about the
battery pack's ability to deliver peak power. The method of operation is based on the host MCU reading
register 0x59 (TURBO_POWER) to determine if the selected power level for TURBO mode operation of the
MCU is below the max power reported by the gas gauge. Additionally, the device reports current information
during the power pulse by reading register 0x5E (TURBO_CURRENT). The information reported by these two
registers allows the MCU to determine if the selected TURBO mode operation is safe and will not cause any
system reset due to transient power pulses.
•
In SLEEP mode, the bq30z554-R1 performs measurements, calculations, protection decisions, and data
updates in adjustable time intervals. Between these intervals, the bq30z554-R1 is in a reduced power stage.
The bq30z554-R1 has a wake function that enables exit from SLEEP mode when current flow or failure is
detected.
•
In SHUTDOWN mode, the bq30z554-R1 is completely disabled.
•
In SHIP mode, the bq30z554-R1 enters a low-power mode with no voltage, current, and temperature
measurements, the FETs are turned off, and the MCU is in a halt state. The device wakes up upon SMBus
communication detection.
NOTE
For a detailed description of the SBS Commands and Data Flash (DF) Registers, refer to
the bq30z554-R1 Technical Reference Manual (SLUUA79).
Configuration
System Present Operation
The bq30z554-R1 checks the PRES pin periodically (1 s). If PRES input is pulled to ground by the external
system, the bq30z554-R1 detects this as system present.
Battery Power Interrupt Operation
The bq30z554-R1 can interrupt the battery power by using an external push-button switch and detecting a low-
level threshold signal on the GPIO terminal (pin should be configured with an internal pull-up). Once the push
button is pressed, there is a delay of 1 s (default) for debounce to detect the low-level threshold. There is also a
data flash command for the battery power interrupt timeout. The default value is 30 minutes. If the push-button
switch is selected before this timeout, the battery power is restored based on this action.
Timeout Configuration
The timeout feature allows the battery power to be restored once the timer expires. Alternatively, if the value is
set to 0, this feature is disabled.
Subclass
Class
Subclass
Offset
Name
Type
Min
Max
Default
Unit
ID
Power
248
Power Off
0
Timeout
U2
0
65535
30
min
20
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :bq30z554-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com