Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ30Z554DBTR-R1 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # BQ30Z554DBTR-R1
Description  2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ30Z554DBTR-R1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ30Z554DBTR-R1 Datasheet HTML 9Page - Texas Instruments BQ30Z554DBTR-R1 Datasheet HTML 10Page - Texas Instruments BQ30Z554DBTR-R1 Datasheet HTML 11Page - Texas Instruments BQ30Z554DBTR-R1 Datasheet HTML 12Page - Texas Instruments BQ30Z554DBTR-R1 Datasheet HTML 13Page - Texas Instruments BQ30Z554DBTR-R1 Datasheet HTML 14Page - Texas Instruments BQ30Z554DBTR-R1 Datasheet HTML 15Page - Texas Instruments BQ30Z554DBTR-R1 Datasheet HTML 16Page - Texas Instruments BQ30Z554DBTR-R1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
bq30z554-R1
www.ti.com
SLUSBD4 – OCTOBER 2013
ELECTRICAL CHARACTERISTICS: TS1, TS2 (continued)
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
3.8 V to 25 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
0.8×VREG2
Input voltage range
TS1 – VSS, TS2 – VSS
–0.20
V
5
Conversion Time
16
ms
VIN
Resolution (no missing codes)
16
Bits
Effective resolution
11
12
Bits
ELECTRICAL CHARACTERISTICS: Internal Temperature Sensor
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
3.8 V to 25 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Temperature sensor voltage
–1.9
–2.0
–2.1
mV/°C
Conversion Time
16
ms
V(TEMP)
Resolution (no missing codes)
16
Bits
Effective resolution
11
12
Bits
ELECTRICAL CHARACTERISTICS: Internal Thermal Shutdown
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
3.8 V to 25 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TMAX
Maximum REG33 temperature
125
175
TRECOVER
Recovery hysteresis temperature
10
°C
tPROTECT
Protection time
5
µs
ELECTRICAL CHARACTERISTICS: High Frequency Oscillator
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
3.8 V to 25 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(OSC)
Operating frequency of CPU Clock
4.194
MHz
TA = –20 °C to 70 °C
–2%
±0.25%
2%
f(EIO)
Frequency error(1)(2)
TA = –40 °C to 85 °C
–3%
±0.25%
3%
t(SXO)
Start-up time(3)
TA = –25 °C to 85 °C
3
6
ms
(1)
The frequency error is measured from 4.194 MHz.
(2)
The frequency drift is included and measured from the trimmed frequency at VREG25 = 2.5 V, TA = 25°C.
(3)
The startup time is defined as the time it takes for the oscillator output frequency to be ±3% when the device is already powered.
ELECTRICAL CHARACTERISTICS: Low Frequency Oscillator
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
3.8 V to 25 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(LOSC)
Operating frequency
32.768
kHz
TA = –20 °C to 70 °C
–1.5%
±0.25%
1.5%
f(LEIO)
Frequency error(1)(2)
TA = –40 °C to 85 °C
–2.5%
±0.25%
2.5%
t(LSXO)
Start-up time(3)
TA = –25 °C to 85 °C
100
μs
(1)
The frequency drift is included and measured from the trimmed frequency at VCC = 2.5 V, TA = 25 °C.
(2)
The frequency error is measured from 32.768 kHz.
(3)
The startup time is defined as the time it takes for the oscillator output frequency to be ±3 %.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links :bq30z554-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com