Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ30Z554DBTR-R1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ30Z554DBTR-R1
Description  2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ30Z554DBTR-R1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ30Z554DBTR-R1 Datasheet HTML 7Page - Texas Instruments BQ30Z554DBTR-R1 Datasheet HTML 8Page - Texas Instruments BQ30Z554DBTR-R1 Datasheet HTML 9Page - Texas Instruments BQ30Z554DBTR-R1 Datasheet HTML 10Page - Texas Instruments BQ30Z554DBTR-R1 Datasheet HTML 11Page - Texas Instruments BQ30Z554DBTR-R1 Datasheet HTML 12Page - Texas Instruments BQ30Z554DBTR-R1 Datasheet HTML 13Page - Texas Instruments BQ30Z554DBTR-R1 Datasheet HTML 14Page - Texas Instruments BQ30Z554DBTR-R1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
bq30z554-R1
www.ti.com
SLUSBD4 – OCTOBER 2013
ELECTRICAL CHARACTERISTICS: CHG, DSG FET Drive
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
3.8 V to 25 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO(FETONDSG) = V(DSG) – VPACK,
VGS connect 10 M
Ω, VCC 3.8 V to
8.0
9.7
12
V
8.4 V
VO(FETONDSG) = V(DSG) – VPACK,
9.0
11
12
V
Output voltage, charge, and
VGS connect 10 M
Ω, VCC > 8.4 V
V(FETON)
discharge FETs on
VO(FETONCHG) = V(CHG) – VBAT, VGS
8.0
9.7
12
V
connect 10 M
Ω, VCC 3.8 V to 8.4 V
VO(FETONCHG) = V(CHG) – VBAT, VGS
9.0
11
12
V
connect 10 M
Ω, VCC > 8.4 V
VO(FETOFFDSG) = V(DSG) – VPACK
–0.4
0.4
V
Output voltage, charge and
V(FETOFF)
discharge FETs off
VO(FETOFFCHG) = V(CHG) – VBAT
–0.4
0.4
V
CL = 4700 pF
RG= 5.1 kΩ
VCC <8.4
800
1400
μs
VDSG: VBAT to VBAT + 4 V,
VCHG: VPACK to VPACK + 4 V
tr
Rise time
CL = 4700 pF
RG= 5.1 kΩ
VCC >8.4
200
500
μs
VDSG: VBAT to VBAT + 4 V,
VCHG: VPACK to VPACK + 4 V
CL = 4700 pF
RG= 5.1 kΩ
VDSG: VBAT+ VO(FETONDSG) to VBAT +
tf
Fall time
80
200
μs
1 V
VCHG: VPACK + VO(FETONCHG) to
VPACK + 1 V
ELECTRICAL CHARACTERISTICS: GPOD
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
3.8 V to 25 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VPU_GPOD
GPOD Pull Up Voltage
VCC
V
VOL_GPOD
GPOD Output Voltage Low
IOL = 1 mA
0.3
V
ELECTRICAL CHARACTERISTICS: FUSE
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
3.8 V to 25 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = 3.8 V to 9 V
2.4
8.5
V
VOH(FUSE)
High Level FUSE Output
VCC = 9 V to 25 V
7
8
9
V
2.8
V
VIH(FUSE)
Ensured by design. Not production
Weak Pull Up Current in off state
100
nA
tested.
CL = 1 nF, VCC = 9 V to 25V,
tR(FUSE)
FUSE Output Rise Time
5
20
μs
VOH(FUSE) = 0 V to 5 V
ZO(FUSE)
FUSE Output Impedance
2
5
k
Ω
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links :bq30z554-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com