Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ30Z554DBTR-R1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ30Z554DBTR-R1
Description  2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ30Z554DBTR-R1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ30Z554DBTR-R1 Datasheet HTML 5Page - Texas Instruments BQ30Z554DBTR-R1 Datasheet HTML 6Page - Texas Instruments BQ30Z554DBTR-R1 Datasheet HTML 7Page - Texas Instruments BQ30Z554DBTR-R1 Datasheet HTML 8Page - Texas Instruments BQ30Z554DBTR-R1 Datasheet HTML 9Page - Texas Instruments BQ30Z554DBTR-R1 Datasheet HTML 10Page - Texas Instruments BQ30Z554DBTR-R1 Datasheet HTML 11Page - Texas Instruments BQ30Z554DBTR-R1 Datasheet HTML 12Page - Texas Instruments BQ30Z554DBTR-R1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
bq30z554-R1
www.ti.com
SLUSBD4 – OCTOBER 2013
ELECTRICAL CHARACTERISTICS: Supply Current
Typical values stated where TA = 25 °C and VCC = 14.4 V, Min/Max values stated where TA = –40 °C to 85 °C and VCC =
3.8 V to 25 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC
Normal
CHG on, DSG on, no Flash write
410
µA
Sleep
CHG off, DSG on, no SBS
129
µA
Communication
CHG off, DSG off, no SBS
83
µA
Communication
Shutdown
1
µA
ELECTRICAL CHARACTERISTICS: Power On Reset (POR)
Typical values stated where TA = 25 °C and VCC = 14.4 V, Min/Max values stated where TA = –40 °C to 85 °C and VCC =
3.8 V to 25 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT–
Negative-going voltage input
At REG25
1.9
2.0
2.1
V
VHYS
POR Hysteresis
At REG25
65
125
165
mV
ELECTRICAL CHARACTERISTICS: WAKE FROM SLEEP
Typical values stated where TA = 25 °C and VCC = 14.4 V, Min/Max values stated where TA = –40 °C to 85 °C and VCC =
3.8 V to 25 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VWAKE = 1.2 mV
0.2
1.2
2.0
mV
VWAKE = 2.4 mV
0.4
2.4
3.6
VWAKE
VWAKE Threshold
VWAKE = 5 mV
2.0
5.0
6.8
VWAKE = 10 mV
5.3
10
13
Temperature drift of VWAKE
VWAKE_TCO
0.5
%/°C
accuracy
Time from application of current
tWAKE
0.2
1
ms
and wake of bq30z554-R1
ELECTRICAL CHARACTERISTICS: RBI RAM Backup
Typical values stated where TA = 25 °C and VCC = 14.4 V, Min/Max values stated where TA = –40 °C to 85 °C and VCC =
3.8 V to 25 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VRB > V(RB)MIN, VCC < VIT
20
1100
nA
I(RBI)
RBI data-retention input current
VRB > V(RB)MIN, VCC < VIT,
500
TA = 0 °C to 70 °C
V(RBI)
RBI data-retention voltage
1
V
ELECTRICAL CHARACTERISTICS: 3.3-V Regulator
Typical values stated where TA = 25 °C and VCC = 14.4 V, Min/Max values stated where TA = –40 °C to 85 °C and VCC =
3.8 V to 25 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
3.8 V < VCC or BAT
≤ 5 V,
2.4
3.5
V
ICC ≤4 mA
5 V < VCC or BAT
≤ 6.8 V,
VREG33
Regulator output voltage
3.1
3.3
3.5
V
ICC ≤13 mA
6.8 V < VCC or BAT
≤ 20 V,
3.1
3.3
3.5
V
ICC ≤ 30 mA
IREG33
Regulator Output Current
2
mA
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links :bq30z554-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com